Electronic Components Datasheet Search
  English  ▼

X  

NJM2750 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2750
Description  4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2750 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2750 Datasheet HTML 1Page - New Japan Radio NJM2750 Datasheet HTML 2Page - New Japan Radio NJM2750 Datasheet HTML 3Page - New Japan Radio NJM2750 Datasheet HTML 4Page - New Japan Radio NJM2750 Datasheet HTML 5Page - New Japan Radio NJM2750 Datasheet HTML 6Page - New Japan Radio NJM2750 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJM2750
- 2 -
s
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
s
ELECTRICAL CHARACTERISTICS ( Ta=25°C, V
+=9V)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V
+
4.7
9.0
13.0
V
Supply Current
ICC
No Signal
-
10
20
mA
Reference Voltage
VREF
-
4.5
-
V
Voltage Gain
GV
Vin=1Vrms, f=1kHz
-1
0
1
dB
Total Harmonic Distortion
THD+N
Vin=1Vrms, f=1kHz
-
0.005
0.05
%
Output Noise Voltage
VNO
A-Weighted
-
-
-110
(3)
-100
(10)
dBV
(µVrms)
Maximum Output Voltage
VOM
f=1KHz, THD=1%
6
(2.0)
8
(2.5)
-
dBV
(Vrms)
Cross Talk
CT
Vin=1Vrms, f=1kHz,
A-Weighted
70
90
-
dB
Channel Separation
CS
Vin=1Vrms, f=1kHz,
A-Weighted
70
90
-
dB
Switch-ON Voltage Level
VCH
2.4
-
-
V
Switch-OFF Voltage Level
VCL
-
-
0.8
V
s
SWITCH CONTROL LOGIC
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+
15
V
Power Dissipation
PD
300
mW
Operating Temperature Range
TOPR
-40 to +85
°C
Storage Temperature Range
TSTR
-40 to +125
°C
CNT2 CNT1 INPUT SELECTOR Ach / Bch
L
L
1
L
H
2
H
L
3
H
H
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com