Electronic Components Datasheet Search
  English  ▼

X  

NJM2750 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2750
Description  4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2750 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2750 Datasheet HTML 1Page - New Japan Radio NJM2750 Datasheet HTML 2Page - New Japan Radio NJM2750 Datasheet HTML 3Page - New Japan Radio NJM2750 Datasheet HTML 4Page - New Japan Radio NJM2750 Datasheet HTML 5Page - New Japan Radio NJM2750 Datasheet HTML 6Page - New Japan Radio NJM2750 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NJM2750
- 3 -
s
TERMINAL DESCRIPTION
PIN No.
SYMBLE
EQUIVALENT CIRCUIT
VOLTAGE
NOTE
1
3
5
6
7
8
9
13
IN1a
IN2a
IN4a
IN1b
IN2b
IN4b
IN3b
IN3a
V+/2
2
4
CNT1
CNT2
0V (GND)
11
15
OUTb
OUTa
V+/2
12
Vref
V+/2
14
16
V+
GND
V+
0V
OUTa
OUTb
GND
V+
30
GND
V+
V+
CNT1
CNT2
GND
V+
180
100K
Vref
GND
V+
30
60K
45K
IN1a
IN2a
IN3a
IN4a
GND
V+
180
VREF
100K
IN1b
IN2b
IN3b
IN4b



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com