Electronic Components Datasheet Search
  English  ▼

X  

NMA0509D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NMA0509D
Description  ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NMA0509D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NMA0509D Datasheet HTML 1Page - List of Unclassifed Manufacturers NMA0509D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NMA 5V & 12V SERIES
Isolated 1W Dual Output DC-DC Converters
SELECTION GUIDE
FEATURES
s
Wide Temperature performance at
full 1 Watt load, –40°C to 85°C
s
Dual Output from a Single Input Rail
s
Industry Standard Pinout
s
Power Sharing on Output
s
1kVDC Isolation
s
Efficiency to 78%
s
Power Density up to 0.85W/cm3
s
5V & 12V Input
s
5V, 9V, 12V and 15V Output
s
Footprint from 1.17cm2
s
UL 94V-0 Package Material
s
No Heatsink Required
s
Internal SMD Construction
s
Toroidal Magnetics
s
Fully Encapsulated
s
No External Components Required
s
MTTF up to 2.1 Million hours
s
Custom Solutions Available
s
No Electrolytic or Tantalum
Capacitors
DESCRIPTION
The NMA series of industrial temperature
range DC-DC converters are the standard
building blocks for on-board distributed
power systems. They are ideally suited for
providing dual rail supplies on primarily
digital boards with the added benefit of
galvanic isolation to reduce switching noise.
All of the rated power may be drawn from
a single pin provided the total load does not
exceed 1watt.
Nominal
Input
Output
Output
Input Current
Voltage
Voltage
Current
at Rated Load
MTTF1
Order Code
(V)
(V)
(mA)
(mA)
(%)
(pF)
kHrs
NMA0505D
5
5
±100
289
69
28
1697
NMA0509D
5
9
±55
270
75
32
682
DIP
NMA0512D
5
12
±42
266
77
34
343
NMA0515D
5
15
±33
263
78
36
188
NMA0505S
5
5
±100
289
69
28
1697
NMA0509S
5
9
±55
270
75
32
682
SIP
NMA0512S
5
12
±42
266
77
34
343
NMA0515S
5
15
±33
263
78
36
188
NMA1205D
12
5
±100
120
69
33
559
NMA1209D
12
9
±55
113
74
46
375
DIP
NMA1212D
12
12
±42
111
75
55
243
NMA1215D
12
15
±33
110
76
54
154
NMA1205S
12
5
±100
120
69
33
559
NMA1209S
12
9
±55
113
74
46
375
SIP
NMA1212S
12
12
±42
111
75
55
243
NMA1215S
12
15
±33
110
76
54
154
When operated with additional external load capacitance the rise time of the input voltage will determine the
maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the
greater the maximum value of the additional external capacitance for reliable start up.
Parameter
Conditions
MIN
TYP
MAX
Units
Continuous operation, 5V input types
4.5
5
5.5
Voltage Range
Continuous operation, 12V input types
10.8
12
13.2
V
Reflected Ripple Current
20
33
mA p-p
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power2
TA= –40°C to 120°C
1
W
Voltage Set
Point Accuracy
See tolerance envelope
Line Regulation High V
IN to low V IN
1.0
1.2
%/%
10% load to rated load, 5V output types
10
12.5
Load Regulation
10% load to rated load, 9V output types
9
10
%
10% load to rated load, 12V output types
6.5
7.5
10% load to rated load, 15V output types
6
7.5
BW=DC to 20MHz, 5V output types
40
75
Ripple & Noise
BW=DC to 20MHz, 9V output types
25
50
mV p-p
BW=DC to 20MHz, 12V output types
25
50
BW=DC to 20MHz, 15V output types
20
50
Short-circuit duration3
1 second
Internal power dissipation
450mW
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN, NMA05 types
7V
Input voltage VIN, NMA12 types
15V
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
www.dc-dc.com
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2 See derating curve
3 Supply voltage must be discontinued at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.


Similar Part No. - NMA0509D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMA0509D CANDD-NMA0509D Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMA0509DC MURATA-NMA0509DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
More results

Similar Description - NMA0509D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
NMA CANDD-NMA Datasheet
168Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
Isolated 1W Dual Output SM DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
1kVDC Isolated 1W Dual Output DC/DC Converters
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
Isolated 1W Dual Output DC/DC Converters
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD MICRODC-A-XD Datasheet
579Kb / 5P
Isolated 1W Dual Output DC/DC Converters
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
Isolated 1W Dual Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
1W 3KVDC Isolated Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com