Electronic Components Datasheet Search
  English  ▼

X  

NMA0509D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NMA0509D
Description  ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NMA0509D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NMA0509D Datasheet HTML 1Page - List of Unclassifed Manufacturers NMA0509D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NMA 5V & 12V SERIES
Isolated 1W Dual Output DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies (NCL), Inc.
5816 Creedmoor Road, Raleigh
NC 27612, USA
Tel: +1 (919) 571-9405
Fax: +1 (919) 571-9262
email: info@us.cdtechno-ncl.com
ISOLATION CHARACTERISTICS
PERFORMANCE CHARACTERISTICS
GENERAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
PIN CONNECTIONS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso=500VDC
10
G
Ω
Parameter
Conditions
MIN
TYP
MAX
Units
Switching Frequency
5V input types
110
kHz
12V input types
140
Parameter
Conditions
MIN
TYP
MAX
Units
Specification
All output types
-40
85
°C
Storage
-50
130
°C
Case Temperature
5V output types
33
Above Ambient
All other output types
28
°C
Cooling
Free air convection
14 Pin DIP
PIN
1
GND
7
NC
8
0V
9
+V
11
–V
14
VIN
7 Pin SIP
PIN
1
VIN
2
GND
4
–V
5
0V
6
+V
tolerance envelope
+10%
+5%
V nominal
temperature derating graph
2.0
1.5
1.0
0.5
0
+2.5%
-2.5%
-7.5%
10
50
100
Output Load Current (%)
-40
0
50
100
150
Ambient Temperature (°C)
Safe Operating Area
19.50
9.80
MECHANICAL DIMENSIONS
6.80
15.24
1.09
2.13
7.62
4.60
3.60
0.55
0.45
0.55
0.45
2.54
19.50
6.00
10.0
2.00
1.25
12.70
4.60
3.60
2.54
All dimensions in mm XX.XX ±0.25mm. All pins on a
2.54mm pitch and within ±0.25mm of true position.
14 Pin DIP
Weight: 2.4g
7 Pin SIP
Weight: 2.1g
NMA0505D
XYYWWi
NMA0505S
XYYWWi
1 2
5 6
4
0.30
0.20
8
9
11
14
7
1
0.30
0.20
0.55
0.45
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2001
NDC NMA.3
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com