Electronic Components Datasheet Search
  English  ▼

X  

OP727AR Datasheet(PDF) 8 Page - Analog Devices

Part # OP727AR
Description  Precision Micropower Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP727AR Datasheet(HTML) 8 Page - Analog Devices

Back Button OP727AR Datasheet HTML 4Page - Analog Devices OP727AR Datasheet HTML 5Page - Analog Devices OP727AR Datasheet HTML 6Page - Analog Devices OP727AR Datasheet HTML 7Page - Analog Devices OP727AR Datasheet HTML 8Page - Analog Devices OP727AR Datasheet HTML 9Page - Analog Devices OP727AR Datasheet HTML 10Page - Analog Devices OP727AR Datasheet HTML 11Page - Analog Devices OP727AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. C
OP777/OP727/OP747
–8–
TIME – 40 s/DIV
INPUT
OUTPUT
VSY = 15V
RL = 10k
AV = 100
VIN = 200mV
200mV
0V
0V
10V
TPC 28. Positive Overvoltage
Recovery
TIME – 400 s/DIV
INPUT
OUTPUT
VS = 15V
AV = 1
TPC 31. No Phase Reversal
FREQUENCY – Hz
0
10
10k
10M
140
120
100
80
60
40
20
100
1k
100k
1M
+PSRR
PSRR
VSY = 2.5V
TPC 34. PSRR vs. Frequency
TIME – 40 s/DIV
INPUT
OUTPUT
200mV
0V
VSY = 2.5V
RL = 10k
AV = 100
VIN = 200mV
2V
0V
TPC 29. Negative Overvoltage
Recovery
FREQUENCY – Hz
0
10
10k
10M
140
120
100
80
60
40
20
100
1k
100k
1M
VSY = 2.5V
TPC 32. CMRR vs. Frequency
FREQUENCY – Hz
0
10
10k
10M
140
120
100
80
60
40
20
100
1k
100k
1M
VSY = 15V
+PSRR
PSRR
TPC 35. PSRR vs. Frequency
TIME – 40 s/DIV
INPUT
OUTPUT
0V
0V
2V
VSY = 2.5V
RL = 10k
AV = 100
VIN = 200mV
200mV
TPC 30. Positive Overvoltage
Recovery
FREQUENCY – Hz
0
10
10k
10M
140
120
100
80
60
40
20
100
1k
100k
1M
VSY = 15V
TPC 33. CMRR vs. Frequency
TIME – 1s/DIV
VSY = 5V
GAIN = 10M
TPC 36. 0.1 Hz to 10 Hz Input
Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com