Electronic Components Datasheet Search
  English  ▼

X  

OP727AR Datasheet(PDF) 9 Page - Analog Devices

Part # OP727AR
Description  Precision Micropower Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP727AR Datasheet(HTML) 9 Page - Analog Devices

Back Button OP727AR Datasheet HTML 5Page - Analog Devices OP727AR Datasheet HTML 6Page - Analog Devices OP727AR Datasheet HTML 7Page - Analog Devices OP727AR Datasheet HTML 8Page - Analog Devices OP727AR Datasheet HTML 9Page - Analog Devices OP727AR Datasheet HTML 10Page - Analog Devices OP727AR Datasheet HTML 11Page - Analog Devices OP727AR Datasheet HTML 12Page - Analog Devices OP727AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. C
–9–
OP777/OP727/OP747
TIME – 1s/DIV
VSY = 15V
GAIN = 10M
TPC 37. 0.1 Hz to 10 Hz Input
Voltage Noise
VSY = 15V
FREQUENCY – Hz
0
0
2.5k
500
1k
1.5k
2.0k
5
10
15
20
25
30
35
40
TPC 40. Voltage Noise Density
TEMPERATURE – C
50
50
60
40
140
20 0
20
40
60
80 100 120
40
30
10
40
20
VSY = 15V
20
10
0
30
ISC
ISC+
TPC 43. Short Circuit Current vs.
Temperature
FREQUENCY – Hz
10
0
500
100
200
300
400
20
30
40
50
60
70
80
90
VSY = 15V
TPC 38. Voltage Noise Density
VSY = 2.5V
FREQUENCY – Hz
0
0
2.5k
500
1k
1.5k
2.0k
5
10
15
20
25
30
35
40
TPC 41. Voltage Noise Density
TEMPERATURE – C
4.95
4.92
4.89
60
40
140
20
0
20 40
60
80 100 120
4.94
4.93
4.91
4.90
VSY = 5V
IL = 1mA
TPC 44. Output Voltage High vs.
Temperature
VSY = 2.5V
FREQUENCY – Hz
10
0
500
100
200
300
400
20
30
40
50
60
70
80
90
TPC 39. Voltage Noise Density
TEMPERATURE – C
50
50
60
40
140
20 0
20
40
60
80 100 120
40
30
10
40
20
VSY = 5V
20
10
0
30
ISC
ISC+
TPC 42. Short Circuit Current vs.
Temperature
TEMPERATURE – C
70
60
40
140
20
0
20 40
60
80 100 120
80
90
100
110
120
130
140
150
160
VSY = 5V
IL = 1mA
TPC 45. Output Voltage Low vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com