Electronic Components Datasheet Search
  English  ▼

X  

OP747AR Datasheet(PDF) 3 Page - Analog Devices

Part # OP747AR
Description  Precision Micropower Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP747AR Datasheet(HTML) 3 Page - Analog Devices

  OP747AR Datasheet HTML 1Page - Analog Devices OP747AR Datasheet HTML 2Page - Analog Devices OP747AR Datasheet HTML 3Page - Analog Devices OP747AR Datasheet HTML 4Page - Analog Devices OP747AR Datasheet HTML 5Page - Analog Devices OP747AR Datasheet HTML 6Page - Analog Devices OP747AR Datasheet HTML 7Page - Analog Devices OP747AR Datasheet HTML 8Page - Analog Devices OP747AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. C
–3–
OP777/OP727/OP747
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage OP777
VOS
+25
°C < T
A < +85
°C
30
100
µV
–40
°C < TA < +85 °C
50
200
µV
Offset Voltage OP727/OP747
VOS
+25
°C < T A < +85 °C
30
160
µV
–40
°C < T
A < +85
°C
50
300
µV
Input Bias Current
IB
–40
°C < TA < +85 °C5
10
nA
Input Offset Current
IOS
–40
°C < TA < +85 °C
0.1
2
nA
Input Voltage Range
–15
+14
V
Common-Mode Rejection Ratio
CMRR
VCM = –15 V to +14 V
110
120
dB
Large Signal Voltage Gain
AVO
RL = 10 k
Ω, VO = –14.5 V to +14.5 V
1,000
2,500
V/mV
Offset Voltage Drift OP777
∆V
OS/
∆T –40°C < T
A < +85
°C
0.3
1.3
µV/°C
Offset Voltage Drift OP727/OP747
∆VOS/∆T –40°C < TA < +85 °C
0.4
1.5
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA, –40
°C to +85 °C
+14.9
+14.94
V
Output Voltage Low
VOL
IL = 1 mA, –40
°C to +85 °C
–14.94
–14.9
V
Output Circuit
IOUT
±30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS =
± 1.5 V to ± 15 V
120
130
dB
Supply Current/Amplifier OP777
ISY
VO = 0 V
300
350
µA
–40
°C < T
A < +85
°C
350
400
µA
Supply Current/Amplifier OP727/747
VO = 0 V
320
375
µA
–40
°C < TA < +85 °C
375
450
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 k
Ω
0.2
V/
µs
Gain Bandwidth Product
GBP
0.7
MHz
NOISE PERFORMANCE
Voltage Noise
enp-p
0.1 Hz to 10 Hz
0.4
µV p-p
Voltage Noise Density
en
f = 1 kHz
15
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.13
pA/
√Hz
Specifications subject to change without notice.
(@
15 V, VCM = 0 V, TA = 25 C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com