Electronic Components Datasheet Search
  English  ▼

X  

OP747AR Datasheet(PDF) 4 Page - Analog Devices

Part # OP747AR
Description  Precision Micropower Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP747AR Datasheet(HTML) 4 Page - Analog Devices

  OP747AR Datasheet HTML 1Page - Analog Devices OP747AR Datasheet HTML 2Page - Analog Devices OP747AR Datasheet HTML 3Page - Analog Devices OP747AR Datasheet HTML 4Page - Analog Devices OP747AR Datasheet HTML 5Page - Analog Devices OP747AR Datasheet HTML 6Page - Analog Devices OP747AR Datasheet HTML 7Page - Analog Devices OP747AR Datasheet HTML 8Page - Analog Devices OP747AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. C
OP777/OP727/OP747
–4–
ABSOLUTE MAXIMUM RATINGS
1, 2
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Input Voltage . . . . . . . . . . . . . . . . . . . . –VS – 5 V to +VS + 5 V
Differential Input Voltage . . . . . . . . . . . . . .
± Supply Voltage
Output Short-Circuit Duration to GND . . . . . . . . . Indefinite
Storage Temperature Range
RM, R, RU Packages . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP777/OP727/OP747 . . . . . . . . . . . . . . .
–40
°C to +85°C
Junction Temperature Range
RM, R, RU Packages . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . 300
°C
Electrostatic Discharge (Human Body Model) . . . . 2000 V max
Package Type
JA
3
JC
Unit
8-Lead MSOP (RM)
190
44
°C/W
8-Lead SOIC (R)
158
43
°C/W
8-Lead TSSOP (RU)
240
43
°C/W
14-Lead SOIC (R)
120
36
°C/W
14-Lead TSSOP (RU)
180
35
°C/W
NOTES
1Absolute maximum ratings apply at 25
°C, unless otherwise noted.
2Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
3
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device soldered in
circuit board for surface-mount packages.
ORDERING GUIDE
Temperature
Package
Package
Branding
Model
Range
Description
Option
Information
OP777ARM
–40
°Cto+85 °C
8-Lead MSOP
RM-8
A1A
OP777AR
–40
°Cto+85 °C
8-Lead SOIC
SO-8
OP727ARU
–40
°Cto+85 °C
8-Lead TSSOP
RU-8
OP727AR
–40
°Cto+85 °C
8-Lead SOIC
SO-8
OP747AR
–40
°Cto+85 °C
14-Lead SOIC
R-14
OP747ARU
–40
°Cto+85 °C
14-Lead TSSOP
RU-14
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP777/OP727/OP747 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com