Electronic Components Datasheet Search
  English  ▼

X  

BC847BS Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # BC847BS
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

BC847BS Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  BC847BS Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. BC847BS Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
(NPN)
E
2
B
2
C
1
C
2
B
1
E
1
SOT-363
Features
·
Ideally Suited for Automatic Insertion
·
For Switching and AF Amplifier Applications
·
Ultra-Small Surface Mount Package
·
Case: SOT-363, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V - 0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking: K1F (See Page 2)
·
Weight: 0.006 grams
·
Ordering & Date Code Information: See Page 2
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
200
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
500
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +125
°C
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on ourwebsite at http://www.diodes.com/datasheets/ap02001.pdf.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
DC Current Gain (Note 2)
hFE
200
—
450
—
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage (Note 2)
VCE(SAT)
—
—
—
100
400
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage (Note 2)
VBE(SAT)
—
755
—
mV
IC = 10mA, IB = 0.5mA
Base-Emitter Voltage (Note 2)
VBE
580
665
700
mV
VCE = 5.0V, IC = 2.0mA
Collector Cutoff Current (Note 2)
ICBO
ICBO
—
—
—
15
5.0
nA
µA
VCB = 30V, IE = 0
VCB = 30V, Tj = 125°C
Emitter Cutoff Current (Note 2)
IEBO
—
—
100
nA
VEB = 5.0V, IC = 0
Gain Bandwidth Product
fT
100
—
—
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
——
1.5
pF
VCB = 10V, f = 1.0MHz
Emitter-Base Capacitance
CEBO
—11
—
pF
VEB = 0.5V, f = 1.0MHz
BC847BS


Similar Part No. - BC847BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BS PHILIPS-BC847BS Datasheet
45Kb / 8P
NPN general purpose double transistor
1999 Apr 28
logo
Diodes Incorporated
BC847BS DIODES-BC847BS Datasheet
55Kb / 3P
DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 3 - 2
logo
NXP Semiconductors
BC847BS PHILIPS-BC847BS Datasheet
115Kb / 15P
NPN/NPN matched double transistors
Rev. 05-27 June 2006
logo
Diodes Incorporated
BC847BS DIODES-BC847BS Datasheet
350Kb / 3P
DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
logo
Pan Jit International I...
BC847BS PANJIT-BC847BS Datasheet
140Kb / 5P
NPN GENERAL PURPOSE DUAL TRANSISVOL
More results

Similar Description - BC847BS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com