Electronic Components Datasheet Search
  English  ▼

X  

BC847BS Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # BC847BS
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

BC847BS Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  BC847BS Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. BC847BS Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
Typical
Characteristics
1
10
100
1000
1.0
10
100
0.1
0.01
I , COLLECTOR CURRENT (mA)
Fig. 2, DC Current Gain vs Collector Current
C
V= 5V
CE
100 C
°
T = 25 C
A
°
-50 C
°
0
0.1
0.2
0.3
0.4
0.5
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
Fig. 3, Collector Saturation Voltage vs Collector Current
C
I/ I = 20
CB
T = 100 C
A
°
25 C
°
-50 C
°
10
100
1000
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
Fig. 4, Gain Bandwidth Product vs Collector Current
C
T = 25 C
A
°
V
= 10V
CE
5V
2V
0
50
100
150
200
250
0
100
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1, Power Derating Curve
A
°
(see Note 1)
Notes:
1. Device mounted on FR4 printed circuit board.
BC847BS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com