Electronic Components Datasheet Search
  English  ▼

X  

PCF8831 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8831
Description  STN RGB - 160 output row driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8831 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8831 Datasheet HTML 19Page - NXP Semiconductors PCF8831 Datasheet HTML 20Page - NXP Semiconductors PCF8831 Datasheet HTML 21Page - NXP Semiconductors PCF8831 Datasheet HTML 22Page - NXP Semiconductors PCF8831 Datasheet HTML 23Page - NXP Semiconductors PCF8831 Datasheet HTML 24Page - NXP Semiconductors PCF8831 Datasheet HTML 25Page - NXP Semiconductors PCF8831 Datasheet HTML 26Page - NXP Semiconductors PCF8831 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
2002 Aug 14
23
Philips Semiconductors
Preliminary specification
STN RGB - 160 output row driver
PCF8831
15 TRAY INFORMATION
handbook, full pagewidth
MGS488
D
C
A
x
y
F
E
B
Fig.14 Tray details.
The dimensions are given in Table 5.
Table 5
Tray dimensions
handbook, halfpage
MGW641
Fig.15 Tray alignment.
The orientation of the IC in a pocket is indicated by the position of the
IC type name on the die surface with respect to the chamfer on the
upper left corner of the tray. Refer to the bonding pad location
diagram for the orientation and position of the type name on the die
surface.
DIMENSIONS
DESCRIPTION
VALUE
A
pocket pitch, x direction
14.86 mm
B
pocket pitch, y direction
4.45 mm
C
pocket width, x direction
12.76 mm
D
pocket width, y direction
2.34 mm
E
tray width, x direction
50.8 mm
F
tray width, y direction
50.8 mm
−
number of pockets in
x direction
3
−
number of pockets in
y direction
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com