Electronic Components Datasheet Search
  English  ▼

X  

TCSA154M050 Datasheet(PDF) 4 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # TCSA154M050
Description  CHIP TANTALUM CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

TCSA154M050 Datasheet(HTML) 4 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  TCSA154M050 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TCSA154M050 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TCSA154M050 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TCSA154M050 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page:P4-P4
GUANGDONG
HOTTECH
INDUSTRIAL
CO., LTD.
HKT
Part No.
Case
Size
Capacitance
(µF)
Rated
Voltage
(V)
DCL
(µA)
Max.
DF
%
Max.
ESR
Max. (
Ω)
@100kHz
TCSA154*035
A
0.15
35
0.5
4
21
TCSA224*035
A
0.22
35
0.5
4
18
TCSA334*035
A
0.33
35
0.5
4
15
TCSA474*035
A
0.47
35
0.5
4
12
TCSB474*035
B
0.47
35
0.5
4
10
TCSA684*035
A
0.68
35
0.5
4
8
TCSB684*035
B
0.68
35
0.5
4
8
TCSA105*035
A
1
35
0.5
4
7.5
TCSB105*035
B
1
35
0.5
4
6.5
TCSA155*035
A
1.5
35
0.5
6
7.5
TCSB155*035
B
1.5
35
0.5
6
5.2
TCSC155*035
C
1.5
35
0.5
6
4.5
TCSA225*035
A
2.2
35
0.8
6
4.5
TCSB225*035
B
2.2
35
0.8
6
4.2
TCSC225*035
C
2.2
35
0.8
6
3.5
TCSB335*035
B
3.3
35
1.2
6
3.5
TCSC335*035
C
3.3
35
1.2
6
2.5
TCSB475*035
B
4.7
35
1.2
6
3.1
TCSC475*035
C
4.7
35
1.6
6
2.2
TCSD475*035
D
4.7
35
1.6
6
1.5
TCSC685*035
C
6.8
35
2.4
6
1.8
TCSD685*035
D
6.8
35
2.4
6
1.3
TCSC106*035
C
10
35
3.5
6
1.6
TCSD106*035
D
10
35
3.5
6
1
TCSE106*035
E
10
35
3.5
6
0.9
TCSC156*035
C
15
35
5.3
6
1.4
TCSD156*035
D
15
35
5.3
6
0.9
TCSD226*035
D
22
35
7.7
6
0.9
TCSE226*035
E
22
35
7.7
6
0.9
TCSD336*035
D
33
35
11.6
6
0.9
TCSE336*035
E
33
35
11.6
6
0.9
TCSV336*035
V
33
35
11.6
6
500
TCSE476*035
E
47
35
16.5
6
0.9
TCSV476*035
V
47
35
16.5
6
0.4
TCSV686 035
V
68
35
23.8
6
0.5
TCSA104*050
A
0.1
50
0.5
4
22
TCSA154*050
A
0.15
50
0.5
4
15
TCSB154*050
B
0.15
50
0.5
4
17
TCSA224*050
A
0.22
50
0.5
4
18
TCSB224*050
B
0.22
50
0.5
4
14
TCSB334*050
B
0.33
50
0.5
4
12
TCSB474*050
B
0.47
50
0.7
4
9.5
TCSC474*050
C
0.47
50
0.5
4
8
TCSB684*050
B
0.68
50
0.5
4
8
TCSC684*050
C
0.68
50
0.5
4
7
TCSB105*050
B
1
50
0.5
4
7
TCSC105*050
C
1
50
0.5
4
5.5
TCSC155*050
C
1.5
50
0.8
6
4.5
TCSD155*050
D
1.5
50
0.8
6
4
TCSC225*050
C
2.2
50
1.1
6
3
TCSD225*050
D
2.2
50
1.1
6
2.5
TCSC335*050
C
3.3
50
1.7
6
2.5
TCSD335*050
D
3.3
50
1.7
6
2
TCSD475*050
D
4.7
50
2.4
6
1.4
TCSD685*050
D
6.8
50
3.4
6
1
TCSD106*050
D
10
50
5
6
0.8
TCSE106*050
E
10
50
5
6
1
TCSE156*050
E
15
50
7.5
6
0.6
TCSV226*050
V
22
50
11
8
0.6
RATINGS & PART NUMBER REFERENCE
HKT
Part No.
Case
Size
Capacitance
(µF)
Rated
Voltage
(V)
DCL
(µA)
Max.
DF
%
Max.
ESR
Max. (
Ω)
@100kHz
TCSE157*016
E
150
16
24
8
0.3
TCSV157*016
V
150
16
24
8
0.5
TCSE227*016
E
220
16
35.2
10
0.5
TCSV227*016
V
220
16
35.2
8
0.9
TCSA105*020
A
1
20
0.5
4
9
TCSA155*020
A
1.5
20
0.5
6
6.5
TCSA225*020
A
2.2
20
0.5
6
5.3
TCSB225*020
B
2.2
20
0.5
6
3.5
TCSA335*020
A
3.3
20
0.7
6
4.5
TCSB335*020
B
3.3
20
0.7
6
3
TCSA475*020
A
4.7
20
0.9
6
4
TCSB475*020
B
4.7
20
0.9
6
3
TCSA685*020
A
6.8
20
1.4
6
2.5
TCSB685*020
B
6.8
20
1.4
6
2.5
TCSC685*020
C
6.8
20
1.4
6
2
TCSB106*020
B
10
20
2
6
2.1
TCSC106*020
C
10
20
2
6
1.9
TCSB156*020
B
15
20
3
6
2
TCSC156*020
C
15
20
3
6
1.7
TCSB226*020
B
22
20
4.4
6
1.8
TCSC226*020
C
22
20
4.4
6
1.6
TCSD226*020
D
22
20
4.4
6
0.9
TCSC336*020
C
33
20
6.6
6
1.5
TCSD336*020
D
33
20
6.6
6
0.9
TCSC476*020
C
47
20
9.4
6
0.9
TCSD476*020
D
47
20
9.4
6
0.9
TCSE476*020
E
47
20
9.4
6
0.9
TCSD686*020
D
68
20
13.6
6
0.9
TCSE686*020
E
68
20
13.6
6
0.9
TCSD107*020
D
100
20
20
6
0.9
TCSE107*020
E
100
20
20
6
0.9
TCSV107*020
V
100
20
20
8
0.9
TCSE157*020
E
150
20
30
8
0.3
TCSV157*020
V
150
20
30
8
0.5
TCSA474*025
A
0.47
25
0.5
4
14
TCSA684*025
A
0.68
25
0.5
4
10
TCSA105*025
A
1
25
0.5
4
8
TCSA155*025
A
1.5
25
0.5
6
7.5
TCSB155*025
B
1.5
25
0.5
6
5
TCSA225*025
A
2.2
25
0.6
6
7
TCSB225*025
B
2.2
25
0.6
6
4.5
TCSA335*025
A
3.3
25
0.8
6
3.7
TCSB335*025
B
3.3
25
0.8
6
3.5
TCSB475*025
B
4.7
25
1.2
6
2.8
TCSB685*025
B
6.8
25
1.7
6
2.8
TCSC685*025
C
6.8
25
1.7
6
2
TCSC106*025
C
10
25
2.5
6
1.8
TCSD106*025
D
10
25
2.5
6
1.2
TCSC156*025
C
15
25
3.8
6
1.6
TCSD156*025
D
15
25
3.8
6
1
TCSC226*025
C
22
25
5.5
6
1.4
TCSD226*025
D
22
25
5.5
6
0.9
TCSD336*025
D
33
25
8.3
6
0.9
TCSE336*025
E
33
25
8.3
6
0.9
TCSD476*025
D
47
25
11.8
6
0.9
TCSE476*025
E
47
25
11.8
6
0.9
TCSE686*025
E
68
25
17
6
0.9
TCSV686*025
V
68
25
17
6
0.9
TCSV107*025
V
100
25
25
8
0.4
TCSA104*035
A
0.1
35
0.5
4
24
CHIP TANTALUM CAPACITORS
*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com