Electronic Components Datasheet Search
  English  ▼

X  

TCSA154M050 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # TCSA154M050
Description  CHIP TANTALUM CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

TCSA154M050 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  TCSA154M050 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TCSA154M050 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TCSA154M050 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. TCSA154M050 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page:P4-P1
GUANGDONG
HOTTECH
INDUSTRIAL
CO., LTD.
HOW TO ORDER
TCS
Type
C
Case Size
See table
above
106
Capacitance Code
pF code: 1st two
digits represent
significantfigures
3rd digit represents
multiplier(numberof
zeros to follow)
M
Tolerance
K=±10%
M=±20%
035
Rated DC Voltage
002=2.5Vdc
004=4Vdc
006=6.3Vdc
010=10Vdc
016=16Vdc
020=20Vdc
025=25Vdc
035=35Vdc
050=50Vdc
R
Packaging
R = 7" T/R
(Lead Free since
production date 1/1/04)
S = 13" T/R (Lead
Free since production
date 1/1/04)
A = Gold Plating
7" Reel
B = Gold Plating
13" Reel
TECHNICAL SPECIFICATIONS
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.1 µF to 2200 µF
Capacitance Tolerance:
±10%; ±20%
Rated Voltage (V
R)
+85°C:
2.5
4
6.3
10
16
20
25
35
50
Category Voltage (V
C)
+125°C:
1.7
2.7
4
7
10
13
17
23
33
Surge Voltage (V
S)
+85°C:
3.3
5.2
8
13
20
26
32
46
65
Surge Voltage (V
S)
+125°C:
2.2
3.4
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Reliability:
1% per 1000 hours at 85°C, V
R with 0.1Ω/VR series impedance,
60% confidence level
Qualification:
CECC 30801 - 005 issue 2
EIA 535BAAC
Meets requirements of AEC-Q200
1.
2.
CHIP TANTALUM CAPACITORS


Similar Part No. - TCSA154M050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TCSA10 LITTELFUSE-TCSA10 Datasheet
409Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results

Similar Description - TCSA154M050

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
TANTALUM CHIP CAPACITORS
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
Tantalum Chip Capacitors
logo
Kemet Corporation
B45196L KEMET-B45196L Datasheet
908Kb / 16P
Tantalum Chip Capacitors
B45196P KEMET-B45196P Datasheet
594Kb / 15P
Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A Datasheet
105Kb / 12P
Chip tantalum capacitors
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
Chip tantalum capacitors
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
Tantalum Chip Capacitors
logo
Rohm
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
Chip tantalum capacitors
2022.6.3 - Rev.005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com