Electronic Components Datasheet Search
  English  ▼

X  

PCI1520I Datasheet(PDF) 38 Page - Texas Instruments

Part # PCI1520I
Description  PC CARD CONTROLLERS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520I Datasheet(HTML) 38 Page - Texas Instruments

Back Button PCI1520I Datasheet HTML 34Page - Texas Instruments PCI1520I Datasheet HTML 35Page - Texas Instruments PCI1520I Datasheet HTML 36Page - Texas Instruments PCI1520I Datasheet HTML 37Page - Texas Instruments PCI1520I Datasheet HTML 38Page - Texas Instruments PCI1520I Datasheet HTML 39Page - Texas Instruments PCI1520I Datasheet HTML 40Page - Texas Instruments PCI1520I Datasheet HTML 41Page - Texas Instruments PCI1520I Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 138 page
background image
3−2
The power-down sequence is:
1.
Assert GRST to the device to disable the outputs during power down. Output drivers must be powered down
in the high-impedance state to prevent high current levels through the clamp diodes to the 5-V clamping
rails (VCCA, VCCB, and VCCP).
2.
Remove the clamp voltage.
3.
Remove the 3.3-V power from VCC.
NOTE: The clamp voltage can be ramped up or ramped down along with the 3.3-V power. The
voltage difference between VCC and the clamp voltage must remain within 3.6 V.
3.2
I/O Characteristics
Figure 3−2 shows a 3-state bidirectional buffer. Section 7.2, Recommended Operating Conditions, provides the
electrical characteristics of the inputs and outputs.
NOTE: The PCI1520 meets the ac specifications of the 1997 PC Card Standard and PCI Local
Bus Specification.
Tied for Open Drain
OE
Pad
VCCP
Figure 3−2. 3-State Bidirectional Buffer
NOTE: Unused terminals (input or I/O) must be held high or low to prevent them from floating.
3.3
Clamping Voltages
The clamping voltages are set to match whatever external environment the PCI1520 is interfaced with, 3.3 V or 5 V.
The I/O sites can be pulled through a clamping diode to a voltage rail that protects the core from external signals.
The core power supply is always 3.3 V and is independent of the clamping voltages. For example, PCI signaling can
be either 3.3 V or 5 V, and the PCI1520 must reliably accommodate both voltage levels. This is accomplished by using
a 3.3-V I/O buffer that is 5-V tolerant, with the applicable clamping voltage applied. If a system designer desires a
5-V PCI bus, then VCCP can be connected to a 5-V power supply.
The PCI1520 requires three separate clamping voltages because it supports a wide range of features. The three
voltages are listed and defined in Section 7.2, Recommended Operating Conditions. GRST, SUSPEND, PME, and
CSTSCHG are not clamped to any of them.
3.4
Peripheral Component Interconnect (PCI) Interface
The PCI1520 is fully compliant with the PCI Local Bus Specification. The PCI1520 provides all required signals for
PCI master or slave operation, and may operate in either a 5-V or 3.3-V signaling environment by connecting the VCCP
terminal to the desired voltage level. In addition to the mandatory PCI signals, the PCI1520 provides the optional
interrupt signals INTA and INTB.
3.4.1
PCI GRST Signal
During the power-up sequence, GRST and PRST must be asserted. GRST can only be deasserted 100
µs after PCLK
is stable. PRST can be deasserted at the same time as GRST or any time thereafter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com