Electronic Components Datasheet Search
  English  ▼

X  

PCI1520I Datasheet(PDF) 46 Page - Texas Instruments

Part # PCI1520I
Description  PC CARD CONTROLLERS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520I Datasheet(HTML) 46 Page - Texas Instruments

Back Button PCI1520I Datasheet HTML 42Page - Texas Instruments PCI1520I Datasheet HTML 43Page - Texas Instruments PCI1520I Datasheet HTML 44Page - Texas Instruments PCI1520I Datasheet HTML 45Page - Texas Instruments PCI1520I Datasheet HTML 46Page - Texas Instruments PCI1520I Datasheet HTML 47Page - Texas Instruments PCI1520I Datasheet HTML 48Page - Texas Instruments PCI1520I Datasheet HTML 49Page - Texas Instruments PCI1520I Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 138 page
background image
3−10
Speaker
Subsystem
BINARY_SPKR
System
Core Logic
PCI1520
CAUDPWM
SPKROUT
PWM_SPKR
Figure 3−6. Sample Application of SPKROUT and CAUDPWM
3.5.8
LED Socket Activity Indicators
The socket activity LEDs are provided to indicate when a PC Card is being accessed. The LEDA1 and LEDA2 signals
can be routed to the multifunction terminals. When configured for LED outputs, these terminals output an active high
signal to indicate socket activity. LEDA1 indicates socket 0 (card A) activity, and LEDA2 indicates socket 1 (card B)
activity. The LED_SKT output indicates socket activity to either socket 0 or socket 1. See Section 4.30, Multifunction
Routing Register, for details on configuring the multifunction terminals.
The active-high LED signal is driven for 64-ms. When the LED is not being driven high, it is driven to a low state. Either
of the two circuits shown in Figure 3−7 can be implemented to provide LED signaling, and the board designer must
implement the circuit that best fits the application.
The LED activity signals are valid when a card is inserted, powered, and not in reset. For PC Card-16, the LED activity
signals are pulsed when READY/IREQ is low. For CardBus cards, the LED activity signals are pulsed if CFRAME,
IRDY, or CREQ are active.
PCI1520
Application-
Specific Delay
Current Limiting
R
≈ 500 Ω
PCI1520
Current Limiting
R
≈ 500 Ω
LED
LED
Figure 3−7. Two Sample LED Circuits
As indicated, the LED signals are driven for a period of 64 ms by a counter circuit. To avoid the possibility of the LEDs
appearing to be stuck when the PCI clock is stopped, the LED signaling is cut off when the SUSPEND signal is
asserted, when the PCI clock is to be stopped during the clock run protocol, or when in the D2 or D1 power state.
If any additional socket activity occurs during this counter cycle, then the counter is reset and the LED signal remains
driven. If socket activity is frequent (at least once every 64 ms), then the LED signals remain driven.
3.5.9
CardBus Socket Registers
The PCI1520 contains all registers for compatibility with the 1997 PC Card Standard. These registers exist as the
CardBus socket registers and are listed in Table 3−6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com