Electronic Components Datasheet Search
  English  ▼

X  

PI6C3991 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C3991
Description  3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3991 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C3991 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
8
PS8450B
04/09/01
PI6C3991
3.3V High-Speed, Low-Voltage Programmable
Skew Clock Buffer - SuperClock®
Figure 3 shows a configuration to equalize skew between metal
traces of different lengths. In addition to low skew between outputs,
the SuperClock can be programmed to stagger the timing of its
outputs. The four groups of output pairs can each be programmed
to different output timing. Skew timing can be adjusted over a wide
range in small increments with the appropriate strapping of the
function select pins. In this configuration the 4Q0 output is fed back
to FB and configured for zero skew.
The other three pairs of outputs are programmed to yield different
skews relative to the feedback. By advancing the clock signal on the
longer traces or retarding the clock signal on shorter traces, all loads
can receive the clock pulse at the same time.
In this illustration the FB input is connected to an output with 0ns
skew(xF1,xF0=MID)selected.TheinternalPLLsynchronizesthe
FB and REF inputs and aligns their rising edges to insure that all
outputs have precise phase alignment.
Clock skews can be advanced by ±6 time units (tU) when using an
output selected for zero skew as the feedback. A wider range of
delaysispossibleiftheoutputconnectedtoFBisalsoskewed.Since
“Zero Skew”, +tU,and–tU aredefinedrelativetooutputgroups,and
since the PLL aligns the rising edges of REF and FB, it is possible to
create wider output skews by proper selection of the xFn inputs. For
examplea+10tUbetweenREFand3Qxcanbeachievedbyconnect-
ing 1Q0 to FB and setting 1F0 = 1F1 = GND, 3F0 = MID, and 3F1 =
High.(SinceFBalignsat–4tUand3Qxskewsto+6tU,atotalof+10
tU skew is realized). Many other configurations can be realized by
skewing both the output used as the FB input and skewing the other
outputs.
Figure4.InvertedOutputConnections
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
TEST
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
REF
Figure 4 shows an example of the invert function of the SuperClock.
In this example the 4Q0 output used as the FB input is programmed
for invert (4F0 = 4F1 = HIGH) while the other three pairs of outputs
areprogrammedforzeroskew.When4F0and4F1aretiedHIGH,4Q0
and 4Q1 become inverted zero phase outputs. The PLL aligns the
rising edge of the FB input with the rising edge of the REF. This
causes the 1Q, 2Q, and 3Q outputs to become the “inverted” outputs
with respect to the REF input. By selecting which output is connect
to FB, it is possible to have 2 inverted and 6 non-inverted outputs
or6invertedand2non-invertedoutputs.Thecorrectconfigura-tion
would be determined by the need for more (or fewer) inverted
outputs. 1Q, 2Q, and 3Q outputs can also be skewed to compensate
for varying trace delays independent of inver-sion on 4Q.
Figure5.FrequencyMultiplierwithSkewConnections
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
TEST
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
REF
20 MHz
40 MHz
20 MHz
80 MHz
Figure 5 illustrates the SuperClock configured as a clock multiplier.
The 3Q0 output is programmed to divide by four and is fed back to
FB. This causes the PLL to increase its frequency until the 3Q0 and
3Q1outputsarelockedat20MHzwhilethe1Qxand2Qxoutputsrun
at 80 MHz. The 4Q0 and 4Q1 outputs are programmed to divide by
two, which results in a 40 MHz waveform at these outputs. Note that
the 20 and 40 MHz clocks fall simultaneously and are out of phase
on their rising edge. This will allow the designer to use the rising
edges of the ½ frequency and ¼ frequency outputs without concern
forrising-edgeskew.The2Q0,2Q1,1Q0,and1Q1outputsrunat80
MHz and are skewed by programming their select inputs accord-
ingly.NotethattheFSpiniswiredfor80MHzoperationbecausethat
is the frequency of the fastest output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com