Electronic Components Datasheet Search
  English  ▼

X  

PI6C3991 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C3991
Description  3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3991 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C3991 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3991 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C3991
3.3V High-Speed, Low-Voltage Programmable
Skew Clock Buffer - SuperClock®
3
PS8450B
04/09/01
FB Input
REF Input
(N/A)
HH
Invert
(N/A) LL/HH Divided
(N/A)
LM
–6tU
LL
LH
–4tU
LM
(N/A)
–3tU
LH
ML
–2tU
ML
(N/A)
–1tU
MM
MM
0tU
MH
(N/A)
+1tU
HL
MH
+2tU
HM
(N/A)
+3tU
HH
HL
+4tU
(N/A)
HM
+6tU
1Fx
2Fx
3Fx
4Fx
Figure1.TypicalOutputswithFBConnectedtoa
Zero-SkewOutput(3)
Note:
3. FB connected to an output selected for "zero" skew
(ie.,xF1=xF0=MID).
Block Diagram Description
Phase Frequency Detector and Filter
These two blocks accept input signals from the reference frequency
(REF) input and the feedback (FB) input and generate correction
information to control the frequency of the Voltage-Controlled
Oscillator (VCO). These blocks, along with the VCO, form a Phase-
Locked Loop (PLL) that tracks the incoming REF signal.
VCO and Time Unit Generator
The VCO accepts analog control inputs from the PLL filter block
and generates a frequency that is used by the time unit generator
to create discrete time units that are selected in the skew mix matrix.
The operational range of the VCO is determined by the FS control
pin. The time unit (tU) is determined by the operating frequency of
the device and the level of the FS pin as shown in Table 1.
Skew Select Matrix
The skew select matrix is comprised of four independent sections.
Each section has two low-skew, high-fanout drivers (xQ0, xQ1),
and two corresponding three-level function select (xF0, xF1)
inputs. Table 2 shows the nine possible output functions for each
section as determined by the function select inputs. All times are
measured with respect to the REF input assuming that the output
connected to the FB input has 0tU selected.
e
g
n
a
Re
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
AV C
C
l
ai
c
r
e
m
m
o
CC
°
0
7
+
o
t
C
°
0%
0
1
±
V
3
.
3
l
ai
rt
s
u
d
n
IC
°
5
8
+
o
t
C
°
0
4
–%
0
1
±
V
3
.
3
Test Mode
The TEST input is a three-level input. In normal system operation,
this pin is connected to ground, allowing the PI6C3991 to operate
as explained briefly above (for testing purposes, any of the three
level inputs can have a removablejumper to ground, or be tied LOW
through a 100 Ohm resistor. This will allow an external tester to
change the state of these pins.)
If the TEST input is forced to its MID or HIGH state, the device will
operate with its internal phase locked loop disconnected, and input
levels supplied to REF will directly control all outputs. Relative
output to output functions are the same as in normal mode.
In contrast with normal operation (TEST tied LOW). All outputs
will function based only on the connection of their own function
select inputs (xF0 and xF1) and the waveform characteristics of
the REF input.
Storage Temperature ...................................... –65°Cto+150°C
Ambient Temperature with
Power Applied .................................................–55°Cto+125°C
Supply Voltage to Ground Potential .................. –0.5Vto+7.0V
DC Input Voltage ...............................................–0.5Vto+7.0V
Output Current into Outputs (LOW) ............................... 64mA
Static Discharge Voltage ............................................... >2001V
(perMIL-STD-883,Method3015)
Latch-UpCurrent ......................................................... >200mA
MaximumRatings
OperatingRange



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com