Electronic Components Datasheet Search
  English  ▼

X  

2906321 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 2906321
Description  Lightning/surge arrester type 1/2 - VAL-MSTE-AR-T1/T2 75/PFM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906321 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  2906321 Datasheet HTML 1Page - PHOENIX CONTACT 2906321 Datasheet HTML 2Page - PHOENIX CONTACT 2906321 Datasheet HTML 3Page - PHOENIX CONTACT 2906321 Datasheet HTML 4Page - PHOENIX CONTACT 2906321 Datasheet HTML 5Page - PHOENIX CONTACT 2906321 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/us/products/2906321
09/07/2016   Page 5 / 6
Lightning/surge arrester type 1/2 - VAL-MS+TE-AR-T1/T2 75/P-
FM - 2906321
Accessories
Plug-in bridge - FBS 2-18 - 2801068
Plug-in bridge for cross-connections in the VAL-MS BE-AR terminal center, 2-pos., color: Red
 
 
Insertion bridge
Insertion bridge - EB 56-18 - 3009299
Insertion bridge, Pitch: 18 mm, Number of positions: 56, Color: gray
 
 
Screwdriver tools
Screwdriver - SZS 0,8X4,0 VDE - 1212508
Screwdriver, slot-headed, VDE insulated, size: 0.8 x 4.0 x 100 mm, 2-component grip, with non-slip grip
 
 
Screwdriver - SZS 1,0X6,5 VDE - 1205079
Screwdriver, slot-headed, VDE insulated, size: 1.0 x 6.5 x 150 mm, 2-component grip, with non-slip grip
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com