Electronic Components Datasheet Search
  English  ▼

X  

2906321 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2906321
Description  Lightning/surge arrester type 1/2 - VAL-MSTE-AR-T1/T2 75/PFM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906321 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2906321 Datasheet HTML 1Page - PHOENIX CONTACT 2906321 Datasheet HTML 2Page - PHOENIX CONTACT 2906321 Datasheet HTML 3Page - PHOENIX CONTACT 2906321 Datasheet HTML 4Page - PHOENIX CONTACT 2906321 Datasheet HTML 5Page - PHOENIX CONTACT 2906321 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/2906321
09/07/2016   Page 2 / 6
Lightning/surge arrester type 1/2 - VAL-MS+TE-AR-T1/T2 75/P-
FM - 2906321
Technical data
Ambient conditions
Altitude
max. 3000 m
Permissible humidity (operation)
5 % ... 95 %
Permissible humidity (storage/transport)
5 % ... 95 %
Shock (operation)
10g
Vibration (operation)
2g (0 ... 200 Hz)
General
Housing material
PA
Flammability rating according to UL 94
V0
Color
black
Total surge current (8/20) µs
50 kA
Total surge current (10/350) µs
15 kA
Mounting type
DIN rail mounting with additional retaining screw
Type
DIN rail module, two-section, divisible
Surge protection fault message
Optical, remote indicator contact
Optical, remote indicator contact
Direction of action
L-L / L-PE
Protective circuit
IEC test classification
I / II
I / II
T1 / T2
T1 / T2
EN type
T1 / T2
T1 / T2
Maximum continuous operating voltage UC
75 V DC
Maximum continuous operating voltage UC (L-N)
75 V DC
Rated load current IL
55 A (with 6 AWG)
Max. discharge current Imax (8/20) µs
50 kA
Nominal discharge current In (8/20) µs
12.5 kA
Voltage protection level Up
≤ 0.7 kV
Residual voltage
≤ 0.6 kV (at 5 kA)
≤ 0.65 kV (at 10 kA)
≤ 0.7 kV
≤ 0.55 kV (at 3 kA)
Max. backup fuse with branch wiring
160 A
160 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com