Electronic Components Datasheet Search
  English  ▼

X  

SI786CSG Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SI786CSG
Description  Dual-Output Power-Supply Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI786CSG Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI786CSG Datasheet HTML 6Page - Vishay Siliconix SI786CSG Datasheet HTML 7Page - Vishay Siliconix SI786CSG Datasheet HTML 8Page - Vishay Siliconix SI786CSG Datasheet HTML 9Page - Vishay Siliconix SI786CSG Datasheet HTML 10Page - Vishay Siliconix SI786CSG Datasheet HTML 11Page - Vishay Siliconix SI786CSG Datasheet HTML 12Page - Vishay Siliconix SI786CSG Datasheet HTML 13Page - Vishay Siliconix SI786CSG Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Si786
Vishay Siliconix
www.vishay.com
10
Document Number: 70189
S-40807—Rev. J, 26-Apr-04
SCHEMATIC DRAWINGS
COMPARATOR SUPPLY INPUT
CS3
FB3
SS5
Si786
DH5
ON3
LX3
D1
BST3
D2
VH
Q2
DL5
V+
VL
17
16
18
22
25
27
26
23
21
15
19
24
1
28
Q1
FB5
GND
PGND
REF
DL3
SYNC
BST5
SHDN
ON5
SS3
LX5
DH3
CS5
8
4
6
14
3
13
12
2
20
7
5
11
9
10
N3
D1
D1FS4
(Note 1)
N3
D1
D1FS4
(Note 1)
INPUT
5.5 V to 30 V
3.3 V
at 3 A
C7
150 mF
C12
150 mF
R1
25 mW
L1
10 mH
N1
N2
D2A
1N4148
D2B
1N4148
C5
0.1 mF
C4
0.1 mF
C1
22 mF
C10
22 mF
10 mF
5 V at 5 mA
5 V at
3 A
C6
330 mF
R2
25 mW
L2
10 mH
C9
0.01 mF
C8
0.01 mF
3.3 V ON/OFF
5 V ON/OFF
SHUTDOWN
OSC SYNC
IN
OUT
IN
OUT
COMPARATOR 1
COMPARATOR 2
3.3 V at 5 mA
C3
1 mF
FIGURE 1.
Si786 Application Circuit
Note 1: Use short, Kelvin-connected
PC board traces placed very
close to one another.
0.1 mF
100 W
FIGURE 2.
Si786 Block Diagram
5-V LDO
Linear
Regulator
3.3-V
Reference
ON
300 kHz/200 kHz
Oscillator
ON
3.3-V
PWM
Controller
(See Figure 3)
5-V
PWM
Controller
(See Figure 3)
STANDBY
FB3
CS3
BST3
DH3
LX3
DL3
SS3
ON3
ON5
VH
Q1
Q2
PGND
FB5
CS5
BST5
DH5
LX5
DL5
SS5
V+
VL
REF
SHDN
SYNC
D1
1.65 V
D2
1.65 V
4.5 V
4 V
2.8 V
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com