Electronic Components Datasheet Search
  English  ▼

X  

SI786CSG Datasheet(PDF) 14 Page - Vishay Siliconix

Part # SI786CSG
Description  Dual-Output Power-Supply Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI786CSG Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button SI786CSG Datasheet HTML 6Page - Vishay Siliconix SI786CSG Datasheet HTML 7Page - Vishay Siliconix SI786CSG Datasheet HTML 8Page - Vishay Siliconix SI786CSG Datasheet HTML 9Page - Vishay Siliconix SI786CSG Datasheet HTML 10Page - Vishay Siliconix SI786CSG Datasheet HTML 11Page - Vishay Siliconix SI786CSG Datasheet HTML 12Page - Vishay Siliconix SI786CSG Datasheet HTML 13Page - Vishay Siliconix SI786CSG Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Si786
Vishay Siliconix
www.vishay.com
14
Document Number: 70189
S-40807—Rev. J, 26-Apr-04
Both minimum capacitance and maximum ESR requirements
must be met. In order to get the low ESR, a capacitance value
of two to three times greater than the required minimum may
be necessary.
The equation for output ripple in continuous current mode is:
VOUT(RPL) + ILPP(MAX)
ESRCF )
1
2
P xf
CF
The equations for capacitive and resistive components of the
ripple in pulse-skipping mode are:
VOUT(RPL)(C) +
if VOUT(RPL)(R) < 0.5 VOUT(RPL)(C),
then VOUT(RPL) = VOUT(RPL)(C),
otherwise, VOUT(RPL) = 0.5 VOUT(RPL)(C) +
VOUT(RPL)(R).
The total ripple, VOUT(RPL), can be approximated
as follows:
(4) 10–4 (L)
RCS2 CF
1
VOUT
)
1
VIN–VOUT
VOUT(RPL)(R) +
(0.02) ESRCF
RCS
Lower Voltage Input
The application circuit shown here can be easily modified to
work with 5.5-V to 12-V input voltages. Oscillation frequency
should be set at 200 kHz and increase the output capacitance
to 660 mF on the 5-V output to maintain stable performance up
to 2 A of load current. Operation on the 3.3-V supply will not be
affected by this reduced input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com