Electronic Components Datasheet Search
  English  ▼

X  

AL3065 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL3065
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3065 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL3065 Datasheet HTML 5Page - Diodes Incorporated AL3065 Datasheet HTML 6Page - Diodes Incorporated AL3065 Datasheet HTML 7Page - Diodes Incorporated AL3065 Datasheet HTML 8Page - Diodes Incorporated AL3065 Datasheet HTML 9Page - Diodes Incorporated AL3065 Datasheet HTML 10Page - Diodes Incorporated AL3065 Datasheet HTML 11Page - Diodes Incorporated AL3065 Datasheet HTML 12Page - Diodes Incorporated AL3065 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AL3065
Document number: DS37677 Rev. 1 - 2
9 of 15
www.diodes.com
April 2015
© Diodes Incorporated
AL3065
Performance Characteristic (Cont. @TA = +25°C, VIN = 24V, VEN = VDIM = 5V, unless otherwise specified.)
PWM to Analog Dimming
LED Short Protection
LED Open Protection
Schottky/Inductor Short Protection
VOUT Short/Diode Open Protection
Over Temperature Protection
ICH
50mA/div
VSW
50V/div
VCH
1V/div
VO(AC)
1V/div
Time 2µs/div
VSW
50V/div
VCH
10V/div
ICH
50mA/div
Time 20ms/div
VSW
50V/div
VCOMP
1V/div
VOVP
1V/div
ICH
100mA/div
Time 2ms/div
VSW
50V/div
VCS
2V/div
ICH
100mA/div
Time 10µs/div
VSW
50V/div
VOVP
1V/div
ICH
100mA/div
Time 200ms/div
VSW
50V/div
VO
20V/div
ICH
100mA/div
Time 2s/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com