Electronic Components Datasheet Search
  English  ▼

X  

AL3065 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL3065
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3065 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL3065 Datasheet HTML 1Page - Diodes Incorporated AL3065 Datasheet HTML 2Page - Diodes Incorporated AL3065 Datasheet HTML 3Page - Diodes Incorporated AL3065 Datasheet HTML 4Page - Diodes Incorporated AL3065 Datasheet HTML 5Page - Diodes Incorporated AL3065 Datasheet HTML 6Page - Diodes Incorporated AL3065 Datasheet HTML 7Page - Diodes Incorporated AL3065 Datasheet HTML 8Page - Diodes Incorporated AL3065 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AL3065
Document number: DS37677 Rev. 1 - 2
4 of 15
www.diodes.com
April 2015
© Diodes Incorporated
AL3065
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified. Notes 4, 5)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to 40
V
VEN
EN Pin Voltage
-0.3 to 7
V
VCC
VCC Pin Voltage
-0.3 to 7
V
VCH
CH1 to CH4 Pins Voltage
-0.3 to 60
V
VCS
CS Pin Voltage
-0.3 to 42
V
VCOMP
COMP Pin Voltage
-0.3 to 7
V
VISET
ISET Pin Voltage
-0.3 to 7
V
VOUT
OUT Pin Voltage
-0.3 to 7
V
VOVP
OVP Pin Voltage
-0.3 to 42
V
VRT
RT Pin Voltage
-0.3 to 7
V
VADIM
ADIM Pin Voltage
-0.3 to 7
V
VDIM
DIM Pin Voltage
-0.3 to 7
V
VGND
GND Pin Voltage
-0.3 to 0.3
V
θJA
Thermal Resistance (Free Air, No Heatsink)
100
ºC/W
TJ
Operating Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10sec)
+260
ºC
–
ESD (Machine Model)
200
V
–
ESD (Human Body Model)
4000
V
Notes:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other conditions beyond those indicated under “Recommended
Operating Conditions” are not implied. Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. For better performance, the AL3065 should have high voltage pins CS and OVP. If CS or OVP pin is added to 16V, the IC will not
smoke or burn.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
4.5
33
V
fO
Operating Frequency
0.1
1
MHz
ICH
LED Channel Current
20
400
mA
fPWM
PWM Dimming Frequency
0.1
25
KHz
TA
Operating Ambient Temperature
-40
+85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com