Electronic Components Datasheet Search
  English  ▼

X  

AS431I Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AS431I
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS431I Datasheet(HTML) 5 Page - Diodes Incorporated

  AS431I Datasheet HTML 1Page - Diodes Incorporated AS431I Datasheet HTML 2Page - Diodes Incorporated AS431I Datasheet HTML 3Page - Diodes Incorporated AS431I Datasheet HTML 4Page - Diodes Incorporated AS431I Datasheet HTML 5Page - Diodes Incorporated AS431I Datasheet HTML 6Page - Diodes Incorporated AS431I Datasheet HTML 7Page - Diodes Incorporated AS431I Datasheet HTML 8Page - Diodes Incorporated AS431I Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AS431I
Document number: DS36816 Rev. 3 - 2
5 of 17
www.diodes.com
July 2014
© Diodes Incorporated
AS431I
A Product Line of
Diodes Incorporated
Electrical Characteristics (Operating Conditions: TA = +25ºC, unless otherwise specified.)
Symbol
Parameter
Test
Circuit
Conditions
Min
Typ
Max
Unit
VREF
Reference Voltage
0.5%
4
VKA = VREF, IKA = 10mA
2.487
2.500
2.512
V
1.0%
2.475
2.500
2.525
∆VREF
Deviation of Reference Voltage
Over Full Temperature Range
4
VKA = VREF,
IKA = 10mA
0 to +70°C
–
4.5
8
mV
-40 to +85°C
–
4.5
10
-40 to +125°C
–
4.5
16
∆VREF
∆VKA
Ratio of Change in Reference
Voltage to the Change in Cathode
Voltage
5
IKA = 10mA
∆VKA = 10V to
VREF
–
-1.0
-2.7
mV/V
∆VKA = 36V to 10V
–
-0.5
-2.0
IREF
Reference Current
5
IKA = 10mA, R1 = 10KΩ, R2 = ∞
–
0.035
0.5
µA
∆IREF
Deviation of Reference Current
Over Full Temperature Range
5
IKA = 10mA, R1 = 10KΩ, R2 = ∞,
TA = -40 to +125°C
–
0.03
0.3
µA
IKA
(Min)
Minimum Cathode Current for
Regulation
4
VKA = VREF
–
10
50
µA
IKA
(Off)
Off-state Cathode Current
6
VKA = 36V, VREF = 0
–
0.05
1.0
µA
ZKA
Dynamic Impedance
4
VKA = VREF, IKA = 1 to 100mA,
f ≤ 1.0KHz
–
0.15
0.5
Ω
θJC
Thermal Resistance
–
TO-92
–
68
–
°C/W
SOT-89
–
29
–
SOT-23
–
113
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com