Electronic Components Datasheet Search
  English  ▼

X  

AS431I Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AS431I
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS431I Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AS431I Datasheet HTML 3Page - Diodes Incorporated AS431I Datasheet HTML 4Page - Diodes Incorporated AS431I Datasheet HTML 5Page - Diodes Incorporated AS431I Datasheet HTML 6Page - Diodes Incorporated AS431I Datasheet HTML 7Page - Diodes Incorporated AS431I Datasheet HTML 8Page - Diodes Incorporated AS431I Datasheet HTML 9Page - Diodes Incorporated AS431I Datasheet HTML 10Page - Diodes Incorporated AS431I Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AS431I
Document number: DS36816 Rev. 3 - 2
7 of 17
www.diodes.com
July 2014
© Diodes Incorporated
AS431I
A Product Line of
Diodes Incorporated
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-40
-30
-20
-10
0
10
20
30
40
50
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
oC
Performance Characteristics
Reference Voltage vs. Ambient Temperature
Reference Current vs. Ambient Temperature
Cathode Current vs. Cathode Voltage
Cathode Current vs. Cathode Voltage
Off-state Cathode Current vs. Ambient Temperature
Ratio of Delta Reference Voltage to the
Ratio of Delta Cathode Voltage
-60
-40
-20
0
20
40
60
80
100
120
140
2.48
2.49
2.50
2.51
2.52
Temperature (
0C)
V
KA
=V
REF
I
KA
=10mA
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
oC
-60
-40
-20
0
20
40
60
80
100
120
140
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
Temperature (
0C)
V
KA
=36V
V
REF
=0
-60
-40
-20
0
20
40
60
80
100
120
140
-0.6
-0.4
-0.2
0.0
0.2
0.4
Temperature (
0C)
V
KA
=3.5V to 36V
-40
-20
0
20
40
60
80
100
120
0.020
0.025
0.030
0.035
0.040
0.045
0.050
0.055
Temperature (
oC)
R1=10K, R2=infinite
I
KA=10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com