Electronic Components Datasheet Search
  English  ▼

X  

DMN1019USN Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN1019USN
Description  12V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1019USN Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN1019USN Datasheet HTML 1Page - Diodes Incorporated DMN1019USN Datasheet HTML 2Page - Diodes Incorporated DMN1019USN Datasheet HTML 3Page - Diodes Incorporated DMN1019USN Datasheet HTML 4Page - Diodes Incorporated DMN1019USN Datasheet HTML 5Page - Diodes Incorporated DMN1019USN Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN1019USN
Document number: DS36999 Rev. 2 - 2
3 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DMN1019USN
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
4.0
8.0
12.0
16.0
20.0
0
1
2
345
V= 1.0V
GS
V= 8.0V
GS
V
=1.2V
GS
V= 3.0V
GS
V= 2.0V
GS
V= 1.5V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
2
4
6
8
10
12
14
16
18
20
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
V= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0.006
0.007
0.008
0.009
0.01
0.011
0.012
0.013
0.014
0.015
0.016
2468
10
12
14
16
18
20
V
= 2.5V
GS
V
= 4.5V
GS
V
= 1.5V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristics
0
0.005
0.01
0.015
0.02
0.025
0.03
01234
56
78
I = 9.7A
D
I = 8.1A
D
I = 4.5A
D
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
0.005
0.006
0.007
0.008
0.009
0.01
0.011
0.012
0.013
0.014
0.015
0
2
4
6
8
101214 16
1820
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125 150
V= .5V
I= 4.5A
GS
D
1
V=
V
I= 9A
GS
D
2.5
V=
V
I= 9.7A
GS
D
4.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com