Electronic Components Datasheet Search
  English  ▼

X  

T2803 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T2803
Description  2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2803 Datasheet(HTML) 1 Page - ATMEL Corporation

  T2803 Datasheet HTML 1Page - ATMEL Corporation T2803 Datasheet HTML 2Page - ATMEL Corporation T2803 Datasheet HTML 3Page - ATMEL Corporation T2803 Datasheet HTML 4Page - ATMEL Corporation T2803 Datasheet HTML 5Page - ATMEL Corporation T2803 Datasheet HTML 6Page - ATMEL Corporation T2803 Datasheet HTML 7Page - ATMEL Corporation T2803 Datasheet HTML 8Page - ATMEL Corporation T2803 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Rev. 4572G–DECT–01/04
Features
• Supply-voltage Range 3 V to 4.6 V (Regulated)
• Auxiliary Voltage Regulator On-chip (3.2 V to 4.6 V)
• Low Current Consumption
• Few Low-cost External Components
• No Mechanical Tuning Required
• Supports Multiple Reference Clocks (10.368 MHz/13.824 MHz)
• Fast Settling Synthesizer (864 kHz Channel Spacing)
• TX Preamplifier with 3 dBm Output Power at 2.45 GHz (4 Programmable Power Levels)
• Ramp-signal Generator for Power Ramping and Power Control of External SiGe Power
Amplifier (T7024 and T7026)
Electrostatic sensitive device.
Observe precautions for handling.
Description
The T2803 is an RF IC for low-power applications in the 2.45 GHz ISM band. The
QFN48-packaged IC is a complete transceiver including image rejection mixer, IF
amplifier, FM demodulator, baseband filter, RSSI, TX preamplifier, power-ramping
generator for power amplifiers, integrated synthesizer, fully integrated VCO and Gaus-
sian data filter for TX. No mechanical tuning is necessary in production.
Figure 1. Block Diagram
TANK
PC
RC
GF
CP
VCO
f
: n
f
: n
CTRL
LOGIC
PD
TX/RX
SWITCH
IR MIXER
IF AMP 1
IF AMP 2
DEMOD
BB FILTER
3-WIRE
BUS
DEMOD DAC
RSSI
TX DRIVER
CLOCK
DATA
ENABLE
RX_ON
TX_ON
PU_RX/TX
PU_PLL
TX_DATA
RSSI
BB_OUT
CF
DEMOD
IF_TANK
IF_IN
MIXER
OUT
RF_IN
TX_OUT
VS_VCO
CP
LD
REF_CLK
VTUNE
VREG
VS_REG
REG_CTRL
VREG_VCO
VCO
REG
RAMP
GEN
RAMP_OUT
RAMP_SET
AUX
REG
OLE
PU_REG
GND_VCO
D/A
I_CPSW
RAMP
D/A
2.4 GHz
WDECT/ISM
Single-chip
Transceiver
T2803
Preliminary


Similar Part No. - T2803

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
582Kb / 28P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2803-PLQ ATMEL-T2803-PLQ Datasheet
582Kb / 28P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2803-PLQW ATMEL-T2803-PLQW Datasheet
582Kb / 28P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2803 ATMEL-T2803_05 Datasheet
582Kb / 28P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
More results

Similar Description - T2803

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
June 1997
logo
ATMEL Corporation
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
Single chip 2.4 GHz Transceiver
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
Single chip 2.4 GHz Transceiver
logo
ATMEL Corporation
T2803 ATMEL-T2803_05 Datasheet
582Kb / 28P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
Low-IF 2.4-GHz ISM Transceiver
logo
List of Unclassifed Man...
NRF24L01 ETC1-NRF24L01 Datasheet
457Kb / 39P
Single chip 2.4 GHz Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com