Electronic Components Datasheet Search
  English  ▼

X  

TAS5121 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS5121
Description  DIGITAL AMPLIFIER POWER STAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5121 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5121 Datasheet HTML 1Page - Texas Instruments TAS5121 Datasheet HTML 2Page - Texas Instruments TAS5121 Datasheet HTML 3Page - Texas Instruments TAS5121 Datasheet HTML 4Page - Texas Instruments TAS5121 Datasheet HTML 5Page - Texas Instruments TAS5121 Datasheet HTML 6Page - Texas Instruments TAS5121 Datasheet HTML 7Page - Texas Instruments TAS5121 Datasheet HTML 8Page - Texas Instruments TAS5121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TAS5121
SLES086A − NOVEMBER 2003 − REVISED MARCH 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
GENERAL INFORMATION
Terminal Assignment
The TAS5121 is offered in a thermally enhanced 36-pin
PSOP3 (DKD) package. The DKD package has the
thermal pad on top.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
GND
PWM_BP
GND
RESET
DREG_RTN
GVDD
M3
DREG
DGND
M1
M2
DVDD
SD
DGND
OTW
GND
PWM_AP
GND
GVDD_B
GVDD_B
GND
BST_B
PVDD_B
PVDD_B
OUT_B
OUT_B
GND
GND
OUT_A
OUT_A
PVDD_A
PVDD_A
BST_A
GND
GVDD_A
GVDD_A
DKD PACKAGE
(TOP VIEW)
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TAS5121
UNITS
DVDD TO DGND
–0.3 V to 4.2 V
GVDD_x TO GND
14.2 V
PVDD_X TO GND (dc voltage)
33.5 V
PVDD_X TO GND(2))
48 V
OUT_X TO GND (dc voltage)
33.5 V
OUT_X TO GND(2))
48 V
BST_X TO GND (DC voltage)
46 V
BST_X TO GND(2))
53 V
PWM_XP, RESET, M1, M2, M3, SD,
OTW
–0.3 V to DVDD + 0.3 V
Maximum junction temperature range,
TJ
–40
°C to 150°C
Storage temperature
–40
°C to 125°C
(1) Stresses beyond those listed under “absolute maximum ratings”
may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any
other conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device
reliability.
(2) The duration should be less than 100 ns (see application note
SLEA025).
ORDERING INFORMATION
TA
PACKAGE
TRANSPORT
MEDIA
DESCRIPTION
0
°C to 70°C
TAS5121DKD
Tube
36-pin PSOP3
0
°C to 70°C TAS5121DKDR
Tape and reel
36-pin PSOP3
PACKAGE DISSIPATION RATINGS
PACKAGE
RθJC
(
°C/W)
RθJA
(
°C/W)
36-Pin DKD PSOP3
0.85
See Note 1
(1) The TAS5121 package is thermally enhanced for conductive
cooling using an exposed metal pad area. It is impractical to use the
devices with the pad exposed to ambient air as the only heat sinking
of the device.
For this reason, RθJA, a system parameter that characterizes the
thermal treatment, is provided in the Application Information section
of the data sheet. An example and discussion of typical system
RθJA values are provided in the Thermal Information section. This
example provides additional information regarding the power
dissipation ratings. This example should be used as a reference to
calculate the heat dissipation ratings for a specific application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com