Electronic Components Datasheet Search
  English  ▼

X  

TAS5121 Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS5121
Description  DIGITAL AMPLIFIER POWER STAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5121 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5121 Datasheet HTML 1Page - Texas Instruments TAS5121 Datasheet HTML 2Page - Texas Instruments TAS5121 Datasheet HTML 3Page - Texas Instruments TAS5121 Datasheet HTML 4Page - Texas Instruments TAS5121 Datasheet HTML 5Page - Texas Instruments TAS5121 Datasheet HTML 6Page - Texas Instruments TAS5121 Datasheet HTML 7Page - Texas Instruments TAS5121 Datasheet HTML 8Page - Texas Instruments TAS5121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TAS5121
SLES086A − NOVEMBER 2003 − REVISED MARCH 2004
www.ti.com
3
Terminal Functions
TERMINAL
FUNCTION(1)
DESCRIPTION
NAME
DKD
FUNCTION(1)
DESCRIPTION
BST_A
22
P
High-side bootstrap supply (BST), external resistor and capacitor to OUT_A required
BST_B
33
P
High-side bootstrap supply (BST), external resistor and capacitor to OUT_B required
DGND
9, 14
P
I/O reference ground
DREG
8
P
Digital supply voltage regulator decoupling pin, 1-
µF capacitor connected to DREG_RTN
DREG_RTN
5
P
Decoupling return pin
DVDD
12
P
I/O reference supply input: 100
Ω to DREG, decoupled to GND, 0.1-µF capacitor connected to
GND
GND
1, 3, 16,
18, 21,
27, 28,
34
P
Power ground, connected to system GND
GVDD
6
P
Local GVDD decoupling \pin
GVDD_A
19, 20
P
Gate drive input voltage
GVDD_B
35, 36
P
Gate drive input voltage
M1
10
I
Protection mode selection pin, connect to GND
M2
11
I
Protection mode selection pin, connect to DREG
M3
7
I
Output mode selection pin; connect to GND
OTW
15
O
Overtemperature warning output, open drain with internal pullup resistor, active-low when temper-
ature exceeds 115
°C
OUT_A
25, 26
O
Output, half-bridge A
OUT_B
29, 30
O
Output, half-bridge B
PVDD_A
23, 24
P
Power supply input for half-bridge A
PVDD_B
31, 32
P
Power supply input for half-bridge B
PWM_AP
17
I
PWM input signal, half-bridge A
PWM_BP
2
I
PWM input signal, half-bridge B
RESET
4
I
Reset signal, active-low
SD
13
O
Shutdown signal for half-bridges A and B (open drain with internal pullup resistor), active-low
(1) I = input, O = Output, P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com