Electronic Components Datasheet Search
  English  ▼

X  

TLA5000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TLA5000
Description  LOGIC ANALYZERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TLA5000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TLA5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLA5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLA5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLA5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLA5000 Series Logic Analyzers
TLA5201 • TLA5202 • TLA5203 • TLA5204
Logic Analyzers • www.tektronix.com/logic_analyzers
3
iView
™ (Integrated View)
Capability
TDS oscilloscope configuration requirements –
The iView cable does not connect fully to the
TDS1000/2000 Series oscilloscopes without a GPIB
extender. Tektronix recommends a standard GPIB
cable as an extender, or order a cable extender
(National Instruments part number 181638-1).
TDS2CMAX Communications Extension Module
required for iView capability on any TDS1000/2000
Series. TDS3GM GPIB/RS-232 Interface Module
required for iView capability on any TDS3000 Series.
TDS3GV GPIB/RS-232/VGA Interface Module
required for iView capability on any TDS3000B
Series.
Number of TDS oscilloscopes that can be
connected to a TLA system – 1.
External Oscilloscopes Supported –
TDS1000 Series.
TDS2000 Series.
TDS3000/3000B Series.
TDS5000/5000B Series.
TDS6000/6000B Series.
TDS7000/7000B Series.
CSA7000/7000B Series.
TDS684C, TDS694C.
TDS754C, TDS784C, TDS724D, TDS754D,
TDS784D, TDS794D.
TLA Connections – USB, Trigger In, Trigger Out,
Clock Out.
TDS Connections – GPIB, Trigger In, Trigger Out,
Clock In (when available).
Setup – iView external oscilloscope wizard
automates setup.
Data Correlation – After TDS oscilloscope acquisition
is complete, data is automatically transferred to the
TLA and time correlated with the TLA acquisition data.
Deskew – TDS and TLA data is automatically
deskewed and time correlated when using the iView
external oscilloscope cable.
iView External Oscilloscope Cable Length – 2 m.
PC Characteristics
Operating System – Microsoft Windows 2000
Professional SP4.
Processor – Intel Celeron 2.0 GHz.
Chipset – Intel 845 GV.
DRAM – 512 MB SDRAM.
Sound – 16-Bit I/O and Mic In port.
Hard Disk Drive – 80 GB.
CD-ROM – Internal 24/10/24 CD-RW.
Floppy Disk Drive – Built-in 3.5 inch, 1.44 MB drive.
Integral Controls
Front-Panel Display –
Size: 10.4-inch diagonal.
Type: Active-matrix color TFT LCD with backlight.
Resolution: 1024x768.
Colors: 256 K.
Simultaneous Display Capability – The front-
panel and secondary displays can be operated
simultaneously using the same resolution. The
secondary external display can be used simultane-
ously using an independent resolution.
Front-panel Controls – Special function knobs for
instrument control and mini-QWERTY keypad.
External Peripheral Interfaces
External Display Port Type – Female DB15 SVGA
connector.
External Display Resolution – Up to 1600x1200
non-interlaced at 16.8 M colors.
LAN Port Type – 10/100Base-T, RJ-45.
External Keyboard Port Type – PS2 mini-DIN.
External Mouse Port Type – PS2 mini-DIN.
Parallel Interface Port Type – Female DB25.
Parallel Interface Modes – Centronics mode,
EPP (Extended Parallel Port), ECP (Microsoft
high-speed mode).
Serial Interface Port Type – Male DB9.
Audio Out Port Type – Stereo minijack.
Mic In Port Type – Minijack.
USB Port – Two USB 2.0.
Symbolic Support
Number of Symbols/Ranges – Unlimited (limited
only by amount of virtual memory available on TLA).
Object File Formats Supported –
IEEE695
OMF 51, OMF 86, OMF 166, OMF 286,
OMF 386
COFF
Elf/Dwarf 1 and 2
Elf/Stabs
TSF (TSF is a generic ASCII file format
documented in the TLA user manual).
If a format is not listed, please contact your local
Tektronix representative.
External Instrumentation
Interfaces
System Trigger Output – Asserted whenever
a system trigger occurs (TTL-compatible output,
back-terminated into 50 Ω). BNC type connector.
System Trigger Input – Forces a system trigger
(triggers all modules) when asserted (TTL-compatible,
edge-sensitive, falling-edge latched). BNC type
connector.
External Signal Output – Can be used to drive
external circuitry from a module’s trigger mechanism
(TTL-compatible output, back-terminated into 50 Ω).
BNC type connector.
External Signal Input – Can be used to provide an
external signal to arm or trigger any or all modules
(TTL-compatible, level-sensitive). BNC type connector.
Power
Voltage range/frequency – 90 to 240 VAC at 47
to 63 Hz.
Input current – 5 A maximum at 90 VAC.
Power consumption – 300 W maximum.
Physical Characteristics
TLA5000
Dimensions
mm
in.
Height
285
11.2
Width
438
17.5
Depth
288
11.35
Weight
kg
lb.
Net (without probes)
12
26
Shipping (typical)
18.5
41
Environmental
Temperature –
Operating: +5 ºC to +50 ºC.
Nonoperating: –20 ºC to +60 ºC.
Humidity – 20% to 80%.
Operating: 20% to 80% relative humidity (29 ºC
maximum wet bulb temperature).
Nonoperating: 8% to 80% (29 ºC maximum wet
bulb temperature).
Altitude – Operating: –1,000 ft. to 10,000 ft. (–305
meters to 3,050 meters).
Safety – UL3111-1, CSA1010.1, EN61010-1,
IEC61010-1.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com