Electronic Components Datasheet Search
  English  ▼

X  

TLA5000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TLA5000
Description  LOGIC ANALYZERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TLA5000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TLA5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLA5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLA5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLA5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TLA5000 Series Logic Analyzers
TLA5201 • TLA5202 • TLA5203 • TLA5204
Our most up-to-date product information is available at:
www.tektronix.com
Copyright © 2004, Tektronix, Inc. All rights reserved. Tektronix products are
covered by U.S. and foreign patents, issued and pending. Information in this publi-
cation supersedes that in all previously published material. Specification and price
change privileges reserved. TEKTRONIX and TEK are registered trademarks of
Tektronix, Inc. All other trade names referenced are the service marks, trade-
marks or registered trademarks of their respective companies.
09/04
HB/WWW
58W-16733-3
Ordering Information
TLA5201
34 Channel, 2 GHz Deep Memory Timing with
125 ps MagniVu™ Acquisition, 235 MHz State,
512 Kb Logic Analyzer.
TLA5202
68 Channel, 2 GHz Deep Memory Timing with
125 ps MagniVu Acquisition, 235 MHz State,
512 Kb Logic Analyzer.
TLA5203
102 Channel, 2 GHz Deep Memory Timing with
125 ps MagniVu Acquisition, 235 MHz State,
512 Kb Logic Analyzer.
TLA5204
136 Channel, 2 GHz Deep Memory Timing with
125 ps MagniVu Acquisition, 235 MHz State,
512 Kb Logic Analyzer.
All Include: Mini Keyboard (118-9402-00),
Optical Wheel Mouse (119-6936-00), Front Panel
Cover (200-4651-00), Probe Retainer Bracket
(407-4435-01), Accessory Pouch (016-1935-00),
Mouse Pad (016-1524-04), TLA5000 Series
Product Software CD (063-3487-02), TLA5000
Series Operating System Restore CD (063-3672-00),
TLA Documentation CD (063-3671-00), TLA5000
Quick Installation Reference (071-1302-00),
TLA V4.3 User Manual (071-1236-00), TLA5000
Installation Manual (071-1301-00), Certificate of
Traceable Calibration, Power Cord.
Please specify power cord and language options
when ordering.
Probes are sold separately.
Instrument options
Opt. 1C – Add iView™ external oscilloscope cable
kit (012-1614-01).
Opt. 7S – Increase to 2 Mb base memory depth
per channel.
Opt. 8S – Increase to 8 Mb base memory depth
per channel.
Recommended Accessories
Logic Analyzer Cart – LACART, K4000.
Logic Analyzer Cart Mounting Bracket Kit –
(407-4996-00).
TLA5000 Rackmount Kit – (016-1887-00).
TLA5000 Wheeled Transport Case – (016-1937-00).
TLA5000 Service Manual – (071-1305-00).
Logic Analyzer Probe
Selection Guidelines
There is a flexible choice of logic analyzer probes
available for use with TLA5000 logic analyzers.
Logic Analyzer Probes
Service Options
Opt. C3 – Calibration Service 3 Years.
Opt. C5 – Calibration Service 5 Years.
Opt. D1 – Calibration Data Report.
Opt. D3 – Calibration Data Report 3 Years
(with Opt. C3).
Opt. D5 – Calibration Data Report 5 Years
(with Opt. C5).
Opt. R3 – Repair Service 3 Years.
Opt. R5 – Repair Service 5 Years.
International Power Plugs
A0 – North America power.
A1 – Universal EURO power.
A2 – United Kingdom power.
A3 – Australia power.
A4 – 240 V, North America power.
A5 – Switzerland power.
A6 – Japan power.
A10 – China power.
A99 – No power cord or AC adapter.
Software
TLA5000 Series Product Software CD –
063-3487-xx.
Language Options
Opt. L0 – English Manuals.
Opt. L10 – Russian Manuals.
Opt. L99 – No Manuals.
Contact Tektronix:
ASEAN / Australasia / Pakistan (65) 6356 3900
Austria +43 2236 8092 262
Belgium +32 (2) 715 89 70
Brazil & South America 55 (11) 3741-8360
Canada 1 (800) 661-5625
Central Europe & Greece +43 2236 8092 301
Denmark +45 44 850 700
Finland +358 (9) 4783 400
France & North Africa +33 (0) 1 69 86 80 34
Germany +49 (221) 94 77 400
Hong Kong (852) 2585-6688
India (91) 80-22275577
Italy +39 (02) 25086 1
Japan 81(3)6714-3010
Mexico, Central America & Caribbean 52 (55) 56666-333
The Netherlands +31 (0) 23 569 5555
Norway +47 22 07 07 00
People’s Republic of China 86 (10) 6235 1230
Poland +48 (0) 22 521 53 40
Republic of Korea 82 (2) 528-5299
Russia, CIS & The Baltics +358 (9) 4783 400
South Africa +27 11 254 8360
Spain (+34) 901 988 054
Sweden +46 8 477 6503/4
Taiwan 886 (2) 2722-9622
United Kingdom & Eire +44 (0) 1344 392400
USA 1 (800) 426-2200
USA (Export Sales) 1 (503) 627-1916
For other areas contact Tektronix, Inc. at: 1 (503) 627-7111
Last Update August 13, 2004
Product(s) are manufactured
in ISO registered facilities.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com