Electronic Components Datasheet Search
  English  ▼

X  

TLP759 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP759
Description  Transistor Invertor Inverter For Air Conditioner Line Receiver IPM Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP759 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP759 Datasheet HTML 1Page - Toshiba Semiconductor TLP759 Datasheet HTML 2Page - Toshiba Semiconductor TLP759 Datasheet HTML 3Page - Toshiba Semiconductor TLP759 Datasheet HTML 4Page - Toshiba Semiconductor TLP759 Datasheet HTML 5Page - Toshiba Semiconductor TLP759 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP759(IGM)
2003-02-19
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 16mA
1.65
1.85
V
Forward voltage
temperature coefficient
∆VF / ∆Ta
IF = 16mA
―
-2
―
mV / °C
Reverse current
IR
VR = 5V
―
―
10
µA
Capacitance between
terminal
CT
VF = 0,f = 1MHz
―
45
―
pF
IOH (1)
IF = 0mA,VCC = VO = 5.5V
―
3
500
nA
IOH (2)
IF = 0mA,VCC = 30V
VO = 20V
―
―
5
High level output current
IOH
IF = 0mA,VCC = 30V
VO = 20V,Ta = 70°C
―
―
50
µA
High level supply
voltage
ICCH
IF = 0mA,VCC = 30V
―
0.01
1
µA
Supply voltage
VCC
ICC = 0.01mA
30
―
―
V
Output voltage
VO
IO = 0.5mA
20
―
―
V
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IF = 10mA,VCC = 4.5V
VO = 0.4V
25
35
75
Current transfer ratio
IO / IF
IF = 16mA,VCC = 4.5V
VO = 0.4V,Ta = -25~100°C
15
―
―
%
Low level output voltage
VOL
IF = 16mA,VCC = 4.5V
IO = 2.4mA
―
―
0.4
V
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
V = 0,f = 1MHz
(Note 8)
―
0.8
―
pF
Isolation resistance
RS
R.H. ≤ 60%,VS = 500V
(Note 8)
1×10
12
10
14
―
Ω
AC,1 minute
5000
―
―
Vrms
AC,1 second,in oil
―
10000
―
Isolation voltage
BVS
DC,1 minute,in oil
―
10000
―
Vdc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com