Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 32 Page - SMSC Corporation

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1702 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button EMC1702 Datasheet HTML 28Page - SMSC Corporation EMC1702 Datasheet HTML 29Page - SMSC Corporation EMC1702 Datasheet HTML 30Page - SMSC Corporation EMC1702 Datasheet HTML 31Page - SMSC Corporation EMC1702 Datasheet HTML 32Page - SMSC Corporation EMC1702 Datasheet HTML 33Page - SMSC Corporation EMC1702 Datasheet HTML 34Page - SMSC Corporation EMC1702 Datasheet HTML 35Page - SMSC Corporation EMC1702 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
High-Side Current-Sense and Dual 1°C Temperature Monitor
Datasheet
Revision 1.2 (09-27-10)
32
SMSC EMC1702
DATASHEET
5.1
Data Read Interlock
When any measurement channel high byte register is read (temperature or VSOURCE or VSENSE), the
corresponding low byte is copied into an internal ‘shadow’ register. The user is free to read the low
byte at any time and be guaranteed that it will correspond to the previously read high byte. Regardless
if the low byte is read or not, reading from the same high byte register again will automatically refresh
this stored low byte data.
5.2
Block Mode Support
All of the status and temperature data may be retrieved with a block read of 8 bytes starting at register
address 34h.
All of the voltage measurement, current sense data, and power information may be retrieved with a
block read of 6 bytes starting at register address 54h.
5.3
Temperature Data Registers
66h
R/W
Sense Voltage Vcrit
Limit
Stores the critical limit for VSENSE
7Fh
Page 50
68h
R/W
Source Voltage Vcrit
Limit
Stores the critical limit for the
voltage on the source side of
RSENSE
FFh
Page 50
69h
R/W
Sense Vcrit
Hysteresis
Stores the hysteresis for the
VSENSE Vcrit limit
0Ah
Page 50
6Ah
R/W
Source Voltage Vcrit
Hysteresis
Stores the hysteresis for the
source voltage Vcrit limits
0Ah
Page 50
FCh
R
Product Features
Stores information about which pin
controlled product features are set
00h
Page 51
FDh
R
Product ID
Stores a fixed value that identifies
each product
39h
Page 51
FEh
R
SMSC ID
Stores a fixed value that
represents SMSC
5Dh
Page 52
FFh
R
Revision
Stores a fixed value that
represents the revision number
82h
Page 52
Table 5.2 Temperature Data Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
00h
R
Internal Diode
High Byte
Sign
64
32
16
8
4
2
1
00h
38h
29h
R
Internal Diode
Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
39h
Table 5.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com