Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1702 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1702 Datasheet HTML 4Page - SMSC Corporation EMC1702 Datasheet HTML 5Page - SMSC Corporation EMC1702 Datasheet HTML 6Page - SMSC Corporation EMC1702 Datasheet HTML 7Page - SMSC Corporation EMC1702 Datasheet HTML 8Page - SMSC Corporation EMC1702 Datasheet HTML 9Page - SMSC Corporation EMC1702 Datasheet HTML 10Page - SMSC Corporation EMC1702 Datasheet HTML 11Page - SMSC Corporation EMC1702 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
High-Side Current-Sense and Dual 1°C Temperature Monitor
Datasheet
Revision 1.2 (09-27-10)
8
SMSC EMC1702
DATASHEET
Chapter 1 Pin Description
Figure 1.1 EMC1702 Pin Diagram 12-Pin QFN 4mm x 4mm
Table 1.1 Pin Description for EMC1702
PIN NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
1
VDD
Positive power supply voltage
Power (24V)
2
DP
External Diode positive (anode) connection
AIO (2V)
3
DN
External Diode negative (cathode)
connection
AIO (2V)
4
ADDR_SEL
Selects SMBus Address
AI
5
THERM
Active low output - requires pull-up resistor
OD (5V)
6ALERT
Active low output - requires pull-up resistor
OD (5V)
7
SMDATA
SMBus data input/output - requires external
pull-up resistor
DIOD (5V)
8
SMCLK
SMBus clock input - requires external pull-
up resistor
DI (5V)
9
DUR_SEL
Selects peak detector duration
AI
2
3
9
8
7
DP
VDD
SMCLK
SMDATA
1
DN
DUR_SEL
EMC1702
12-QFN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com