Electronic Components Datasheet Search
  English  ▼

X  

CAP1214 Datasheet(PDF) 45 Page - SMSC Corporation

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1214 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button CAP1214 Datasheet HTML 41Page - SMSC Corporation CAP1214 Datasheet HTML 42Page - SMSC Corporation CAP1214 Datasheet HTML 43Page - SMSC Corporation CAP1214 Datasheet HTML 44Page - SMSC Corporation CAP1214 Datasheet HTML 45Page - SMSC Corporation CAP1214 Datasheet HTML 46Page - SMSC Corporation CAP1214 Datasheet HTML 47Page - SMSC Corporation CAP1214 Datasheet HTML 48Page - SMSC Corporation CAP1214 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
45
Revision 1.0 (08-30-10)
DATASHEET
6.4.2
Volumetric Data
If they are setup to present Volumetric Data (see Section 6.14), the bits will encode a range from 0 to
100. This value is updated based on the Grouped sensor activity:
A slide in the “UP” direction will increase the volumetric data by the Volumetric Step setting (see
Section 6.6) whenever an interrupt is generated (including extra interrupts generated after the slide
is complete).
A slide in the “DOWN” direction will decrease the volumetric data by the Volumetric Step setting
(see Section 6.6) whenever an interrupt is generated (including extra interrupts generated after the
slide is complete)
A tap (see Section 5.5.1) on the “UP” side will increase the volumetric data by a value of 1.
A tap on the “DOWN” side will decrease the volumetric data by a value of 1.
A press and hold (see Section 5.5.2) on the “UP” side will increase the volumetric data by a value
of 1 at every repeat rate interval.
A press and hold (see Section 5.5.2) on the “DOWN” side will decrease the volumetric data by a
value of 1 at every repeat rate interval.
The bits are read / write.
6.5
Vendor ID Register
The Vendor ID Register stores an 8-bit value that represents SMSC.
6.6
Volumetric Step Register
The Volumetric Step Register controls the size of a step to the volumetric data when a slide is detected
in the UP and DOWN directions.
Bits 3 - 0 - VOL_STEP[3:0] - Determines the volumetric data step when a slide is detected. Each LSB
corresponds to a value of ±1.
Table 6.7 Vendor ID Register
ADDR
R/W
REGISTER
B7B6B5B4B3B2B1B0
DEFAULT
08h
R
Vendor ID
01011101
5Dh
FEh
Table 6.8 Volumetric Step Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
09h
R/W
Volumetric Step
----
VOL_STEP[3:0]
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com