Electronic Components Datasheet Search
  English  ▼

X  

CAP1214 Datasheet(PDF) 46 Page - SMSC Corporation

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1214 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button CAP1214 Datasheet HTML 42Page - SMSC Corporation CAP1214 Datasheet HTML 43Page - SMSC Corporation CAP1214 Datasheet HTML 44Page - SMSC Corporation CAP1214 Datasheet HTML 45Page - SMSC Corporation CAP1214 Datasheet HTML 46Page - SMSC Corporation CAP1214 Datasheet HTML 47Page - SMSC Corporation CAP1214 Datasheet HTML 48Page - SMSC Corporation CAP1214 Datasheet HTML 49Page - SMSC Corporation CAP1214 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
46
SMSC CAP1214
DATASHEET
6.7
Noise Status Registers
The Noise Status Registers store status bits that are generated from the analog block if the detected
noise is above the operating region of the analog detector or the RF noise detector. These bits indicate
that the most recently received data from the sensor is invalid and should not be used for touch
detection. As long as the bit is set for a particular channel, the delta count value is reset to 00h and
thus no touch is detected.
When set, the S1_RF_NOISE (register 0Ah, bit 7) indicates that the CS1 RF noise detector has
detected noise.
These bits are not sticky and will be cleared automatically if the analog block does not report a noise
error.
APPLICATION NOTE: For the CAP1214-2, if the lid closure detection circuitry is enabled, these bits count as
sensors above the lid closure count threshold even if the corresponding data count is not. If
the corresponding data byte exceeds the lid closure threshold, it is not counted twice.
APPLICATION NOTE: Regardless of the state of the Noise Status bits, if low frequency noise is detected on a
sensor, that sample will be discarded unless the DIS_ANA_NOISE bit is set. As well, if RF
noise is detected on a sensor, that sample will be discarded unless the DIS_RF_NOISE bit
is set.
6.8
Lid Closure Status Registers
The Lid Closure Status Registers bits are only set if the lid closure detection circuitry is enabled (see
Section 6.24). These status bits indicate that the corresponding Capacitive Touch Sensor exceeded the
Lid Closure threshold. These bits will be set if a button press is detected because the Lid Closure
threshold is a percentage of the Sensor Threshold.
These bits are used in combination with the Lid Closure Pattern register settings to determine when a
Lid Closure Event is flagged (see Section 6.26).
These bits are not sticky and will be cleared automatically when the corresponding sensor count drops
below the lid closure count threshold. The device does not flag a sensor as above or below the
threshold until it has cycled through the queue (see Section 6.25, "Lid Closure Queue Control
Register").
Table 6.9 Noise Status Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Ah
R
Noise Status 1
S1_RF_
NOISE
S7_
NOISE
S6_
NOISE
S5_
NOISE
S4_
NOISE
S3_
NOISE
S2_
NOISE
S1_
NOISE
00h
0Bh
R
Noise Status 2
-
S14_
NOISE
S13_
NOISE
S12_
NOISE
S11_
NOISE
S10_
NOISE
S9_
NOISE
S8_
NOISE
00h
Table 6.10 Lid Closure Status Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Ch
R
Lid Closure
Status 1
-
S7_
LID
S6_
LID
S5_
LID
S4_
LID
S3_
LID
S2_
LID
S1_
LID
00h
0Dh
R
Lid Closure
Status 2
-
S14_
LID
S13_
LID
S12_
LID
S11_
LID
S10_
LID
S9_
LID
S8_
LID
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com