Electronic Components Datasheet Search
  English  ▼

X  

TPA751D Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA751D
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA751D Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA751D Datasheet HTML 10Page - Texas Instruments TPA751D Datasheet HTML 11Page - Texas Instruments TPA751D Datasheet HTML 12Page - Texas Instruments TPA751D Datasheet HTML 13Page - Texas Instruments TPA751D Datasheet HTML 14Page - Texas Instruments TPA751D Datasheet HTML 15Page - Texas Instruments TPA751D Datasheet HTML 16Page - Texas Instruments TPA751D Datasheet HTML 17Page - Texas Instruments TPA751D Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
TPA751
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
WITH DIFFERENTIAL INPUTS
SLOS336C – DECEMBER 2000 – REVISED OCTOBER 2002
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
BTL amplifier efficiency (continued)
Although the voltages and currents for SE and BTL are sinusoidal in the load, currents from the supply are very
different between SE and BTL configurations. In an SE application, the current waveform is a half-wave rectified
shape, whereas in BTL it is a full-wave rectified waveform. This means RMS conversion factors are different.
Keep in mind that for most of the waveform both the push and pull transistors are not on at the same time, which
supports the fact that each amplifier in the BTL device only draws current from the supply for half the waveform.
The following equations are the basis for calculating amplifier efficiency.
Efficiency of a BTL amplifier
+
P
L
P
SUP
(3)
where
(4)
P
L +
V
L
rms2
R
L
, and V
LRMS +
V
P
2
, therefore, P
L +
V
P
2
2R
L
PL = Power delivered to load
PSUP = Power drawn from power supply
VLRMS = RMS voltage on BTL load
RL = Load resistance
VP = Peak voltage on BTL load
IDDavg = Average current drawn from the
power supply
VDD = Power supply voltage
ηBTL = Efficiency of a BTL amplifier
and PSUP + VDD IDDavg and IDDavg +
1
p
p
0
V
P
R
L
sin(t) dt
+ 1p
V
P
R
L
[cos(t)]
p
0 +
2V
P
p R
L
therefore,
P
SUP +
2V
DD
V
P
p R
L
substituting PL and PSUP into equation 7,
Efficiency of a BTL amplifier
+
V
P
2
2R
L
2V
DD VP
p R
L
+
p V
P
4V
DD
V
P +
2P
L
R
L
h
BTL +
p 2P
L
R
L
4V
DD
where
therefore,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com