Electronic Components Datasheet Search
  English  ▼

X  

TPA751D Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPA751D
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA751D Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA751D Datasheet HTML 15Page - Texas Instruments TPA751D Datasheet HTML 16Page - Texas Instruments TPA751D Datasheet HTML 17Page - Texas Instruments TPA751D Datasheet HTML 18Page - Texas Instruments TPA751D Datasheet HTML 19Page - Texas Instruments TPA751D Datasheet HTML 20Page - Texas Instruments TPA751D Datasheet HTML 21Page - Texas Instruments TPA751D Datasheet HTML 22Page - Texas Instruments TPA751D Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TPA751
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
WITH DIFFERENTIAL INPUTS
SLOS336C – DECEMBER 2000 – REVISED OCTOBER 2002
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
headroom and thermal considerations
Linear power amplifiers dissipate a significant amount of heat in the package under normal operating conditions.
A typical music CD requires 12 dB to 15 dB of dynamic headroom to pass the loudest portions without distortion
as compared with the average power output. From the TPA751 data sheet, one can see that when the TPA751
is operating from a 5-V supply into an 8-
Ω speaker that 700 mW peaks are available. Converting watts to dB:
P
dB +
10 Log
P
W
P
ref
+ 10Log 700 mW
1W
+ –1.5 dB
Subtracting the headroom restriction to obtain the average listening level without distortion yields:
–1.5 dB – 15 dB = –16.5 (15 dB headroom)
–1.5 dB – 12 dB = –13.5 (12 dB headroom)
–1.5 dB – 9 dB = –10.5 (9 dB headroom)
–1.5 dB – 6 dB = –7.5 (6 dB headroom)
–1.5 dB – 3 dB = –4.5 (3 dB headroom)
Converting dB back into watts:
P
W + 10
PdB 10 xP
ref
= 22 mW (15 dB headroom)
= 44 mW (12 dB headroom)
= 88 mW (9 dB headroom)
= 175 mW (6 dB headroom)
= 350 mW (3 dB headroom)
This is valuable information to consider when attempting to estimate the heat dissipation requirements for the
amplifier system. Comparing the absolute worst case, which is 700 mW of continuous power output with 0 dB
of headroom, against 12 dB and 15 dB applications drastically affects maximum ambient temperature ratings
for the system. Using the power dissipation curves for a 5-V, 8-
Ω system, the internal dissipation in the TPA751
and maximum ambient temperatures is shown in Table 1.
Table 1. TPA751 Power Rating, 5-V, 8-
Ω, BTL
PEAK OUTPUT
POWER
AVERAGE
POWER
DISSIPATION
D PACKAGE
(SOIC)
DGN PACKAGE
(MSOP)
GQS PACKAGE
(MicroStar Junior
)
POWER
(mW)
AVERAGE
OUTPUT POWER
DISSIPATION
(mW)
MAXIMUM AMBIENT
TEMPERATURE
MAXIMUM AMBIENT
TEMPERATURE
MAXIMUM AMBIENT
TEMPERATURE
700
700 mW
675
34
°C
110
°C
99
°C
700
350 mW (3 dB)
595
47
°C
115
°C
105
°C
700
176 mW (6 dB)
475
68
°C
122
°C
114
°C
700
88 mW (9 dB)
350
89
°C
125
°C
123
°C
700
44 mW (12 dB)
225
111
°C
125
°C
125
°C
Table 1 shows that the TPA751 can be used to its full 700-mW rating without any heat sinking in still air up to
110
°C, 34°C, and 99°C for the DGN package (MSOP), D package (SOIC), and GQS (MicroStar Junior)
package, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com