Electronic Components Datasheet Search
  English  ▼

X  

SS1FL4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS1FL4
Description  Surface Mount Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS1FL4 Datasheet(HTML) 1 Page - Vishay Siliconix

  SS1FL4 Datasheet HTML 1Page - Vishay Siliconix SS1FL4 Datasheet HTML 2Page - Vishay Siliconix SS1FL4 Datasheet HTML 3Page - Vishay Siliconix SS1FL4 Datasheet HTML 4Page - Vishay Siliconix SS1FL4 Datasheet HTML 5Page - Vishay Siliconix SS1FL4 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS1FL4
www.vishay.com
Vishay General Semiconductor
Revision: 01-Sep-16
1
Document Number: 87616
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Schottky Barrier Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Low forward voltage drop, low power losses
• Low leakage current
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• Wave and reflow solderable
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency inverters, freewheeling, DC/DC
converters, and polarity protection in commercial, industrial,
and automotive applications.
MECHANICAL DATA
Case: DO-219AB (SMF)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
Note
(1) Free air, mounted on recommended copper pad area
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
40 V
IFSM
40 A
VF at IF = 1.0 A (TA = 125 °C)
0.34 V
TJ max.
150 °C
Package
DO-219AB (SMF)
Diode variations
Single die
Top view
Bottom view
DO-219AB (SMF)
eSMP® Series
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS1FL4
UNIT
Device marking code
1L4
Maximum repetitive peak reverse voltage
VRRM
40
V
Maximum average forward rectified current (fig. 1)
IF(AV) (1)
1.0
A
Non-repetitive peak forward surge current 8.3 ms single half
sine-wave at TJ (init) = 25 °C
IFSM
40
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - SS1FL4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS1FL4 VISHAY-SS1FL4 Datasheet
106Kb / 5P
Surface-Mount Schottky Barrier Rectifier
13-May-2020
SS1FL4 VISHAY-SS1FL4_15 Datasheet
100Kb / 6P
Surface Mount Schottky Barrier Rectifier
16-Apr-15
SS1FL4 VISHAY-SS1FL4_V01 Datasheet
106Kb / 5P
Surface-Mount Schottky Barrier Rectifier
13-May-2020
More results

Similar Description - SS1FL4

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com