Electronic Components Datasheet Search
  English  ▼

X  

SS1FL4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SS1FL4
Description  Surface Mount Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS1FL4 Datasheet(HTML) 3 Page - Vishay Siliconix

  SS1FL4 Datasheet HTML 1Page - Vishay Siliconix SS1FL4 Datasheet HTML 2Page - Vishay Siliconix SS1FL4 Datasheet HTML 3Page - Vishay Siliconix SS1FL4 Datasheet HTML 4Page - Vishay Siliconix SS1FL4 Datasheet HTML 5Page - Vishay Siliconix SS1FL4 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS1FL4
www.vishay.com
Vishay General Semiconductor
Revision: 01-Sep-16
3
Document Number: 87616
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
Fig. 1 - Typical Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
255075
100
125
150
Mount Temperature (
°C)
Mounted on recommended areas,
FR4 PCB; typical values
Rth
JM = 22 C/W
Rth
JA = 125 C/W
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Instantaneous Forward Voltage (V)
T
A = 25 °C
T
A = 125 °C
T
A = 150 °C
T
A = 100 °C
1
10
100
1000
10 000
100 000
10
15
20
25
30
35
40
Percent of Rated Peak Reverse Voltage (V)
T
A = 100 °C
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
10
100
1000
0
5
10
15
20
25
30
35
40
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1
10
100
1000
0.001
0.1
10
1000
t - Pulse Duration (s)
Junction to Ambient
Mounted on standard footprint, FR4 PCB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com