Electronic Components Datasheet Search
  English  ▼

X  

TPS2306 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2306
Description  DUAL SEQUENCING HOT SWAP POWER MANAGER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2306 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2306 Datasheet HTML 1Page - Texas Instruments TPS2306 Datasheet HTML 2Page - Texas Instruments TPS2306 Datasheet HTML 3Page - Texas Instruments TPS2306 Datasheet HTML 4Page - Texas Instruments TPS2306 Datasheet HTML 5Page - Texas Instruments TPS2306 Datasheet HTML 6Page - Texas Instruments TPS2306 Datasheet HTML 7Page - Texas Instruments TPS2306 Datasheet HTML 8Page - Texas Instruments TPS2306 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS2306
DUAL SEQUENCING HOT SWAP POWER MANAGER
SLVS368 – APRIL 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Input Operating Range (2.75 V to
13.6 V)
D Controls Ramp-Up Sequence and Slope,
and Ramp-Down Sequence
D Controls Inrush Current
D Precise Linear Current Amplifier for High
Efficiency and Low Voltage Drop
D Programmable Overcurrent Threshold
D Programmable Soft-Start Capability and
Fault Timer
D Internal Charge Pump Drives Low-Cost
External NMOS Devices
D Cascadable for Three or More Supplies
D Fault Indicator Output
D Direct-drive of Bus Switch
D Shutdown Control with Low-Current Sleep
Mode (40
µA)
D Input Undervoltage Lockout
D 16-pin SOIC package
The TPS2306 Hot Swap Power Manager (HSPM) IC provides hot-swap control, fault handling and power supply
sequencing of two positive voltage supplies. The TPS2306 operates over a wide supply range allowing single
part inventory for a variety of output voltages.
During the transient period of a live insertion or hot-swap event, the TPS2306 actively limits the inrush current
to the plug-in module. An on-chip linear current amplifier (LCA) provides closed-loop control of the current
sourced to the load circuitry on the module. Subsequently, during normal steady-state loading conditions and
in conjunction with an internal high-voltage charge pump, the LCA provides direct gate drive to fully enhance
the external NMOS pass devices. In addition, the < 4-mV input offset voltage of the LCA allows for the use of
low-value sense resistors. Together, these features minimize the insertion loss across the hot-swap interface.
Control inputs allow the designer to program the maximum current level and the inrush current profile (slew rate)
during start-up. Direct programming of the fault time-out also allows the user to establish how long the HSPM
can operate in the current control mode prior to turning off the pass elements. The high degree of user
programmability allows the TPS2306 to be configured for the specific load and bulk capacitance charging
requirements of the target system.
A second level of power bus protection is provided in the form of fast overcurrent comparators monitoring the
load current levels of the two channels. Should a short-circuit event’s edge rate ever exceed the slew rate of
the LCA, the overcurrent comparator immediately latches off the external NMOS devices, overriding the timeout
period. The overcurrent threshold is also user-programmable.
Supply sequencing control is provided via four comparator inputs to independently control the ramp-up and
ramp-down of each supply output (see Figure 1). The TPS2306 also provides a TTL and CMOS compatible
enable input for external control of the supply outputs, and a low-power sleep mode. Also, the open-drain FAULT
output provides single-line fault reporting to the system host for the two monitored supplies.
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
IMAX1
UP1
ENBL
IREF
CT
GND
UP2
IMAX2
VCC/CS1
DOWN1
GATE1
FAULT
CPUMP
GATE2
DOWN2
CS2
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
DW PACKAGE
TOP VIEW
QuickSwitch is a registered trademark of Integrated Device Technology, Inc.
Widebus
t is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPS2306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI1-TPS2306 Datasheet
432Kb / 29P
DUAL SEQUENCING HOT SWAP POWER MANAGER
TPS2306DW TI1-TPS2306DW Datasheet
432Kb / 29P
DUAL SEQUENCING HOT SWAP POWER MANAGER
TPS2306DWG4 TI1-TPS2306DWG4 Datasheet
432Kb / 29P
DUAL SEQUENCING HOT SWAP POWER MANAGER
TPS2306 TI1-TPS2306_10 Datasheet
432Kb / 29P
DUAL SEQUENCING HOT SWAP POWER MANAGER
More results

Similar Description - TPS2306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
Positive Floating Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
15V Programmable Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
??8-V Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
Positive Floating Hot-Swap Power Manager
TPS2306 TI1-TPS2306_10 Datasheet
432Kb / 29P
DUAL SEQUENCING HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com