Electronic Components Datasheet Search
  English  ▼

X  

TPS2306 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS2306
Description  DUAL SEQUENCING HOT SWAP POWER MANAGER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2306 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2306 Datasheet HTML 17Page - Texas Instruments TPS2306 Datasheet HTML 18Page - Texas Instruments TPS2306 Datasheet HTML 19Page - Texas Instruments TPS2306 Datasheet HTML 20Page - Texas Instruments TPS2306 Datasheet HTML 21Page - Texas Instruments TPS2306 Datasheet HTML 22Page - Texas Instruments TPS2306 Datasheet HTML 23Page - Texas Instruments TPS2306 Datasheet HTML 24Page - Texas Instruments TPS2306 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TPS2306
DUAL SEQUENCING HOT SWAP POWER MANAGER
SLVS368 – APRIL 2001
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
R1B
+
0.65 V
(2.5 V
* 0.65 V)
10k
W ^ 3.51 kW
estimating the output ramp-up time
As described in the Fault Timer section, TPS2306 operation in linear mode is limited to the timeout period
established by the external capacitor on the CT pin. This timeout must be long enough to allow for either the
concurrent or sequential charging of BOTH outputs to the input supply levels. Therefore, an estimate of this
ramp-up time is required to ensure start-up.
The output voltage ramp profiles are influenced by a number of factors, including the amount of load
capacitance, the load current level, the load characteristic (either resistive or constant-current), and the current
ramp profile. Therefore, determination of the charging, or start-up, time is organized into several different load
categories:
1.
resistive loads, no soft-start
2.
constant-current loads, no soft-start
3.
constant-current loads, with soft-start
The case which most closely describes the application characteristics should be selected.
NOTE:In the following discussion, the subscripted “1” and “2” suffixes refer respectively to the first
channel to ramp up (primary or master), and the second (or controlled or slave) channel to ramp,
not necessarily device Channels 1 and 2.
case 1: resistive loads, no soft-start
When the output ramp conditions are met, the pass FET gates are initially only driven to source a current of
approximately 5% of the IMAX current to the loads, as described in the Output Ramp Operation section. This
first step lasts a nominal 500
µs. Subsequently, the output current is ramped to the full IMAX setting. For typical
applications, the extent of capacitance charging during this slow ramp period is relatively small. Therefore, it
can be neglected in estimating total start-up time, simplifying calculations. However, since the HSPM timer is
started as soon as the first output starts ramping, the slow ramp period is included as a component of the total
ramp-up time.
Given these considerations, the start-time calculation approximates the source as making a step change from
0 to IMAX, once enabled. Therefore, the time for either output to charge to a given voltage, vx(t), can be found
from:
t
+ R
Lx
C
Lx
n
(IMAXx)
R
Lx
IMAXx
R
Lx * nx
(t)
) t
SR
where:
• R
Lx = the load resistance
• C
Lx = the load input capacitance (CLOAD1 or CLOAD2 in Figure 2)
• t
SR = the initial slow turn-on period, approximately 500 µs
(15)
(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com