Electronic Components Datasheet Search
  English  ▼

X  

TPS40052 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40052
Description  WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40052 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS40052 Datasheet HTML 17Page - Texas Instruments TPS40052 Datasheet HTML 18Page - Texas Instruments TPS40052 Datasheet HTML 19Page - Texas Instruments TPS40052 Datasheet HTML 20Page - Texas Instruments TPS40052 Datasheet HTML 21Page - Texas Instruments TPS40052 Datasheet HTML 22Page - Texas Instruments TPS40052 Datasheet HTML 23Page - Texas Instruments TPS40052 Datasheet HTML 24Page - Texas Instruments TPS40052 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TPS40052
SLUS563B − AUGUST 2003 − REVISED APRIL 2004
21
www.ti.com
LAYOUT CONSIDERATIONS
Grounding and Circuit Layout Considerations
The TPS4005x provides separate signal ground (SGND) and power ground (PGND) pins. It is important that
circuit grounds are properly separated. Each ground should consist of a plane to minimize its impedance if
possible. The high power noisy circuits such as the output, synchronous rectifier, MOSFET driver decoupling
capacitor (BP10), and the input capacitor should be connected to PGND plane at the input capacitor.
Sensitive nodes such as the FB resistor divider, RT, and ILIM should be connected to the SGND plane. The
SGND plane should only make a single point connection to the PGND plane.
Component placement should ensure that bypass capacitors (BP10 and BP5) are located as close as possible
to their respective power and ground pins. Also, sensitive circuits such as FB, RT and ILIM should not be located
near high dv/dt nodes such as HDRV, LDRV, BOOST, and the switch node (SW).
The SW pin Schottky diode, D2 in Figure 10, should be placed close to the TPS40052 with short, wide traces
to pins 9 and 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com