Electronic Components Datasheet Search
  English  ▼

X  

TPS61002 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61002
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61002 Datasheet HTML 9Page - Texas Instruments TPS61002 Datasheet HTML 10Page - Texas Instruments TPS61002 Datasheet HTML 11Page - Texas Instruments TPS61002 Datasheet HTML 12Page - Texas Instruments TPS61002 Datasheet HTML 13Page - Texas Instruments TPS61002 Datasheet HTML 14Page - Texas Instruments TPS61002 Datasheet HTML 15Page - Texas Instruments TPS61002 Datasheet HTML 16Page - Texas Instruments TPS61002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
3.2
20
0
01
2
3
4
5
6
3.3
3.4
TPS61006
LOAD TRANSIENT RESPONSE
789
10
60
40
VI = 1.2 V
RC = 33 kΩ
50 mA
5 mA
Time – ms
Figure 16
3.25
1.2
1
0
1
234
56
3.35
3.45
TPS61006
LINE TRANSIENT RESPONSE
3.55
789
10
0.8
VOUT
VBAT
Time – ms
IO = 50 mA
RC = 33 kΩ
2
02
4
6
8
10
12
3
TPS61006
START-UP TIMING INTO 33-
Ω LOAD
14
16
18
20
1
0
VOUT
EN
IOUT
80
60
20
100
120
140
0
40
Time – ms
Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com