Electronic Components Datasheet Search
  English  ▼

X  

TPS61002 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61002
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61002 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61002 Datasheet HTML 1Page - Texas Instruments TPS61002 Datasheet HTML 2Page - Texas Instruments TPS61002 Datasheet HTML 3Page - Texas Instruments TPS61002 Datasheet HTML 4Page - Texas Instruments TPS61002 Datasheet HTML 5Page - Texas Instruments TPS61002 Datasheet HTML 6Page - Texas Instruments TPS61002 Datasheet HTML 7Page - Texas Instruments TPS61002 Datasheet HTML 8Page - Texas Instruments TPS61002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
TA
PACKAGE
OUTPUT VOLTAGE
(V)
PART NUMBER†
MARKING DGS
PACKAGE
Adj. from 1.5 V to 3.3 V
TPS61000DGS
ADA
1.5
TPS61001DGS
ADB
1.8
TPS61002DGS
ADC
40
°Cto85°C
10 Pin MSOP DGS
2.5
TPS61003DGS
ADD
– 40
°C to 85°C
10-Pin MSOP DGS
2.8
TPS61004DGS
ADE
3.0
TPS61005DGS
ADF
3.3
TPS61006DGS
ADG
Adj. from 1.5 V to 3.3 V
TPS61007DGS
ADH
† The DGS package is available taped and reeled. Add R suffix to device type (e.g. TPS61000DGSR) to order quantities of
2500 devices per reel.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
COMP
2
Compensation of error amplifier. Connect R-C-C network to set frequency response of control loop. See the
Application section for more details.
EN
1
I
Chip-enable input. The converter is switched on if EN is set high, and is switched off when EN is connected to
ground (shutdown mode).
FB
3
I
Feedback input for adjustable output voltage (TPS61000 only). The output voltage is programmed depending on
the values of resistors R1 and R2. For the fixed output voltage versions (TPS61000, TPS61002, TPS61003,
TPS61004, TPS61005, TPS61006), leave the FB pin unconnected.
NC/FBGND
8
Not connected (TPS61000, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006). A ground pin for the
feedback resistor divider for the TPS61007 only.
GND
4
Ground
LBI
9
I
Low-battery detector input. A low-battery signal is generated at the LBO pin when the voltage on LBI drops below
the threshold of 500 mV. Connect LBI to GND or VBAT if the low-battery detector function is not used. Do not leave
this pin floating.
LBO
10
O
Open-drain low-battery detector output. This pin is pulled low if the voltage on LBI drops below the threshold of
500 mV. A pullup resistor should be connected between LBO and VOUT.
SW
7
I
Switch input pin. The node between inductor and anode of the rectifier diode is connected to this pin.
VBAT
6
I
Supply pin
VOUT
5
O
Output voltage. For the fixed output voltage versions, the integrated resistive divider is connected to this pin.
1
2
3
4
5
10
9
8
7
6
EN
COMP
FB
GND
VOUT
LBO
LBI
NC/FBGND‡
SW
VBAT
DGS PACKAGE
(TOP VIEW)
‡ TPS61007 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com