Electronic Components Datasheet Search
  English  ▼

X  

CS3361 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS3361
Description  Alternator Voltage Regulator FET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3361 Datasheet(HTML) 1 Page - ON Semiconductor

  CS3361 Datasheet HTML 1Page - ON Semiconductor CS3361 Datasheet HTML 2Page - ON Semiconductor CS3361 Datasheet HTML 3Page - ON Semiconductor CS3361 Datasheet HTML 4Page - ON Semiconductor CS3361 Datasheet HTML 5Page - ON Semiconductor CS3361 Datasheet HTML 6Page - ON Semiconductor CS3361 Datasheet HTML 7Page - ON Semiconductor CS3361 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
March, 2015 − Rev. 11
1
Publication Order Number:
CS3361/D
CS3361
Alternator Voltage
Regulator FET Driver
The CS3361 integral alternator regulator integrated circuit provides
the voltage regulation for automotive, 3−phase alternators.
It drives an external logic level N channel enhancement power FET
for control of the alternator field current. In the event of a charge fault,
a lamp output pin is provided to drive an external darlington transistor
capable of switching on a fault indicator lamp. An overvoltage or no
Stator signal condition activates the lamp output.
This IC has customized current sense circuitry enabling it to drive
FET transistors. The CS3361 is available in an SOIC−14 package.
Features
• Drives Logic Level Power NFET
• 80 V Load Dump
• Temperature Compensated Regulation Voltage
• Shorted Field Protection Duty Cycle, Self Clearing
• This is a Pb−Free Device
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
SOIC−14
D SUFFIX
CASE 751A
IGN
NC
NC
NC
STATOR
Lamp
Sense
OSC
1
14
VCC
NC
NC
GND
SC
DD
1
14
PIN CONNECTIONS AND
MARKING DIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION
CS3361YDR14G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - CS3361

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3361 CHERRY-CS3361 Datasheet
139Kb / 5P
Alternator Voltage Regulator FET Driver
Rev. 1/29/99
logo
ON Semiconductor
CS3361 ONSEMI-CS3361 Datasheet
66Kb / 8P
Alternator Voltage Regulator FET Driver
August, 2002 ??Rev. 10
logo
Cherry Semiconductor Co...
CS3361YD14 CHERRY-CS3361YD14 Datasheet
139Kb / 5P
Alternator Voltage Regulator FET Driver
Rev. 1/29/99
logo
ON Semiconductor
CS3361YD14 ONSEMI-CS3361YD14 Datasheet
66Kb / 8P
Alternator Voltage Regulator FET Driver
August, 2002 ??Rev. 10
logo
Cherry Semiconductor Co...
CS3361YDR14 CHERRY-CS3361YDR14 Datasheet
139Kb / 5P
Alternator Voltage Regulator FET Driver
Rev. 1/29/99
More results

Similar Description - CS3361

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3341 CHERRY-CS3341 Datasheet
157Kb / 6P
Alternator Voltage Regulator Darlington Driver
Rev. 4/15/99
CS3361 CHERRY-CS3361 Datasheet
139Kb / 5P
Alternator Voltage Regulator FET Driver
Rev. 1/29/99
logo
ON Semiconductor
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS3361 ONSEMI-CS3361 Datasheet
66Kb / 8P
Alternator Voltage Regulator FET Driver
August, 2002 ??Rev. 10
CS3341 ONSEMI-CS3341_05 Datasheet
78Kb / 8P
Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
logo
ON Semiconductor
CS3341 ONSEMI-CS3341_09 Datasheet
83Kb / 8P
Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com