Electronic Components Datasheet Search
  English  ▼

X  

LB1861 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB1861
Description  Two-Phase Half-Wave Variable Speed Fan Motor Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1861 Datasheet(HTML) 2 Page - ON Semiconductor

  LB1861 Datasheet HTML 1Page - ON Semiconductor LB1861 Datasheet HTML 2Page - ON Semiconductor LB1861 Datasheet HTML 3Page - ON Semiconductor LB1861 Datasheet HTML 4Page - ON Semiconductor LB1861 Datasheet HTML 5Page - ON Semiconductor LB1861 Datasheet HTML 6Page - ON Semiconductor LB1861 Datasheet HTML 7Page - ON Semiconductor LB1861 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specifications
Absolute Maximum Ratings at Ta=25 °C, ( ): LB1860M, LB1861M
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
% 20 ms
200
mA
Output supply voltage
VOUT
Internal
V
Output current
IOUT
1.5
A
RD flow-in current
IRD
10
mA
RD supply voltage
VRD
50
V
Allowable power dissipation
Pd1 max
1.1
W
Pd2 max
Mounted on 20
× 15 × 1.5 mm glass epoxy board
(0.8)
W
Operating temperature
Topr
–30 to +80
°C
Storage temperature
Tstg
–55 to +125
°C
Allowable Operating Ranges at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Input current range
ICC
6.0 to 50
mA
Common-mode input voltage range
VICM
0toVIN –1.5
V
Electrical Characteristics at Ta=25 °C, ICC =10mA
Parameter
Symbol
Conditions
min
typ
max
Unit
Output limiting voltage
VOLM1
LB1860, 1860M: IO = 0.1 A
54
57
60
V
LB1861, 1861M: IO = 0.1 A
30
32
34
V
Output saturation voltage
VO sat1
IO = 0.5 A
0.95
1.2
V
VO sat2
IO = 1.0 A
1.15
1.5
V
VO sat3
IO = 1.5 A
1.4
2.0
V
Input voltage
VIN
ICC = 7.0 mA
6.4
6.7
7.0
V
Amp input offset voltage
VOFF
–7.0
0
7.0
mV
Amp input bias current
IBA
–250
nA
RD output saturation
voltage
VRD (sat)
IRD = 5 mA
0.15
0.3
V
C flow-out current
IC1
C = GND
2.7
3.9
5.0
µA
C discharge current
IC2
C=VIN
0.35
0.50
0.65
µA
Comparator input threshold
voltage
VTH1
0.77
0.8 VIN
0.83
V
VTH2
0.44
0.47 VIN
0.50
V
Ct discharge voltage
Vct
0.18
0.2 VIN
0.22
V
Rt input current
IRT
VRT = GND
–440
–350
–240
µA
Rt comparator voltage
VRT
RT = OPEN
0.59
0.62 VIN
0.65
V
Thermal protection circuit
operating voltage
TSD
Design target
180
°C
Thermal protection circuit
hysteresis
∆TSD
Design target
40
°C
Pin Assignments
Top view
Top view
LB1860,1860M,1861,1861M
No. 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com