Electronic Components Datasheet Search
  English  ▼

X  

LB1861 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LB1861
Description  Two-Phase Half-Wave Variable Speed Fan Motor Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1861 Datasheet(HTML) 3 Page - ON Semiconductor

  LB1861 Datasheet HTML 1Page - ON Semiconductor LB1861 Datasheet HTML 2Page - ON Semiconductor LB1861 Datasheet HTML 3Page - ON Semiconductor LB1861 Datasheet HTML 4Page - ON Semiconductor LB1861 Datasheet HTML 5Page - ON Semiconductor LB1861 Datasheet HTML 6Page - ON Semiconductor LB1861 Datasheet HTML 7Page - ON Semiconductor LB1861 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Block Diagram and Application Circuit
Truth Table
(
): LB1860M, 1861M
IN
+
IN
–
Ct
Rt1
Rt2
CR
OUT1
OUT2
RD
Mode
H
L
H
L
—
L
H
L
L
Full speed
L
H
H
L
—
L
L
H
L
Full speed
(H)
(L)
—
—
(H)
(L)
(H)
(L)
(L)
(Full speed)
(L)
(H)
—
—
(H)
(L)
(L)
(H)
(L)
(Full speed)
—
—
L
H
L
L
H
H
L
Low speed
—————
HHHH
Lock protection
Designer’s Notes
(1) Variable-speed circuit (Rt and Ct pins) — Refer to the application circuit diagram
.
The time constant gained by external components C2 and R2 is used to set the length of an ‘off’ operation time period after
phase switching. This means that the variable-speed operations can be performed by changing the ‘on’ operation time of each
phase through the duty control.
.
The sawtooth waveform signals are generated by the C2-R2 time constant. The voltage of this signal (Ct pin voltage) increases
from 1.3 V to 4.0 V (Vct) at each phase switching. That is, during this period, the driver becomes inactive (toff), in which
output circuit is turned off.
.
If VCC ^ 4.0 V, the driver IC remains active (ton) until the next phase switching. During this period, output circuit is turned on.
.
If the active drive time of each phase is assumed to ‘to’, the following relation can be established:
to =toff +ton
↑↑
Fixed
Rotation speed
constant
proportional constant
toff = 0.69 c C2 c R2 ........................................ 1
Constant
current
circuit
Output timing control
Unit (resistance:
Ω, capacitance: F)
Figure 1
(
): MFP14S
0.47 to 10 µ
LB1860,1860M,1861,1861M
No. 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com