Electronic Components Datasheet Search
  English  ▼

X  

LM1042 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1042
Description  Fluid Level Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1042 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM1042 Datasheet HTML 1Page - National Semiconductor (TI) LM1042 Datasheet HTML 2Page - National Semiconductor (TI) LM1042 Datasheet HTML 3Page - National Semiconductor (TI) LM1042 Datasheet HTML 4Page - National Semiconductor (TI) LM1042 Datasheet HTML 5Page - National Semiconductor (TI) LM1042 Datasheet HTML 6Page - National Semiconductor (TI) LM1042 Datasheet HTML 7Page - National Semiconductor (TI) LM1042 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Notes (Continued)
TLH8709 – 12
FIGURE 9
PROBE CURRENT REFERENCE CIRCUIT
The circuit defining the probe circuit is given in
Figure 10 A
reference voltage is obtained from a bandgap regulator de-
rived current flowing in a diode resistor chain to set up a
voltage 2 volts below the supply This is applied to an ampli-
fier driving an external PNP transistor to maintain pin 3 at 2V
below supply The emitter resistance from pin 3 to supply
defines the current which less the base current flows in the
probe Because of the sensitivity of the measurement to
probe current evident in
Figure 3 the current should be ad-
justed by means of a variable resistor to the desired value
This adjustment may also be used to take out probe toler-
ances
TLH8709 – 13
FIGURE 10
TYPICAL APPLICATIONS CIRCUIT
A typical automotive application circuit is shown in
Figure 11
where the probe selection signal is obtained from the oil
pressure switch At power up (ignition on) the oil pressure
switch is closed and pin 8 is held low by R4 causing a probe
1 (oil level) measurement to be made Once the engine has
started the oil pressure switch opens and D1 pulls pin 8 high
changing over to the second auxiliary probe input The ca-
pacitor C5 holds pin 8 high in the event of a stalled engine
so that a second probe 1 measurement can not occur in
disturbed oil Non-automotive applications may drive pin 8
directly with a logic signal
TLH8709 – 14
FIGURE 11 Typical Application Circuit
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com