Electronic Components Datasheet Search
  English  ▼

X  

PAM2841 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PAM2841
Description  1.5A SW CURRENT, 40V PRECISION WLED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2841 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PAM2841 Datasheet HTML 8Page - Diodes Incorporated PAM2841 Datasheet HTML 9Page - Diodes Incorporated PAM2841 Datasheet HTML 10Page - Diodes Incorporated PAM2841 Datasheet HTML 11Page - Diodes Incorporated PAM2841 Datasheet HTML 12Page - Diodes Incorporated PAM2841 Datasheet HTML 13Page - Diodes Incorporated PAM2841 Datasheet HTML 14Page - Diodes Incorporated PAM2841 Datasheet HTML 15Page - Diodes Incorporated PAM2841 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
PAM2841
Document number: DSxxxxx Rev. 1 - 5
12 of 16
www.diodes.com
September 2013
© Diodes Incorporated
PAM2841
A Product Line of
Diodes Incorporated
Application Information (cont.)
Layout Consideration
As for all switching power supplies, especially those in high frequency and high current ones, layout is an important design step. If layout is not
carefully done, the regulator could suffer from instability as well as noise problems.
(1) Use separate traces for power ground and signal ground. Power ground and signal ground are connected together to a quite ground (input
connector).
(2) To prevent radiation of high frequency resonance, proper layout of the high frequency switching path is essential. Minimize the length and
area of all traces connecting to the SW pin. The loop including the PWM switch, schottky diode and output capacitor, contains high current
rising and falling in nanosecond and thus it should be kept as short as possible.
(3) The input capacitor should be close to both the VIN pin and the GND pin in order to reduce the IC supply ripple.
(4) Keep the signal ground traces short and as close to the IC as possible. Small signal components should be placed as close as possible to the
IC, thus minimizing control signal noise interference.
Layout Example
Top Layer
Bottom Layer
Ordering Information
Part Number
Part Marking
Package Type
Standard Package
PAM2841SR
P2841
MSOP-8
2500 Units/Tape & Reel
PAM2841GR
EMX
YW
DFN2x2-8
3000 Units/Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com